Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB18601 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PI6CB18601
Description  Very Low Power 6-Output PCIe Clock Buffer With On-chip Termination
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB18601 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PI6CB18601 Datasheet HTML 9Page - Diodes Incorporated PI6CB18601 Datasheet HTML 10Page - Diodes Incorporated PI6CB18601 Datasheet HTML 11Page - Diodes Incorporated PI6CB18601 Datasheet HTML 12Page - Diodes Incorporated PI6CB18601 Datasheet HTML 13Page - Diodes Incorporated PI6CB18601 Datasheet HTML 14Page - Diodes Incorporated PI6CB18601 Datasheet HTML 15Page - Diodes Incorporated PI6CB18601 Datasheet HTML 16Page - Diodes Incorporated PI6CB18601 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
A product Line of
Diodes Incorporated
PI6CB18601
www.diodes.com
June 2020
Diodes Incorporated
PI6CB18601
Document Number DS40505 Rev 3-2
Byte 5: Revision and Vendor ID Register
Bit
Control Function Description
Type
Power Up
Condition 0
1
7
RID3
Revision ID
R
0
rev = 0000
6
RID2
R
0
5
RID1
R
0
4
RID0
R
0
3
PVID3
Vendor ID
R
0
Pericom = 0011
2
PVID3
R
0
1
PVID3
R
1
0
PVID3
R
1
Byte 6: Device Type/Device ID Register
Bit
Control Function Description
Type
Power Up
Condition 0
1
7
DTYPE1
Device type
R
0
'00' = CG, '01' = ZDB,
'10' = Reserve, '11' = ZDB
6
DTYPE0
R
1
5
DID5
Device ID
R
0
001000 binary, 08Hex
4
DID4
R
0
3
DID3
R
1
2
DID2
R
0
1
DID1
R
0
0
DID0
R
0
Byte 7: Byte Count Register
Bit
Control Function Description
Type
Power Up
Condition 0
1
7
Reserved
0
6
Reserved
0
5
Reserved
0
4
BC4
Byte count programming
RW
0
Writing to this register will
configure how many bytes will
be read back, default is 8 bytes
3
BC3
RW
1
2
BC2
RW
0
1
BC1
RW
0
0
BC0
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com