Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB184Q Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PI6CB184Q
Description  4-Output PCIe Gen 4 Clock Buffer for Automotive Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB184Q Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PI6CB184Q Datasheet HTML 3Page - Diodes Incorporated PI6CB184Q Datasheet HTML 4Page - Diodes Incorporated PI6CB184Q Datasheet HTML 5Page - Diodes Incorporated PI6CB184Q Datasheet HTML 6Page - Diodes Incorporated PI6CB184Q Datasheet HTML 7Page - Diodes Incorporated PI6CB184Q Datasheet HTML 8Page - Diodes Incorporated PI6CB184Q Datasheet HTML 9Page - Diodes Incorporated PI6CB184Q Datasheet HTML 10Page - Diodes Incorporated PI6CB184Q Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
A Product Line of
Diodes Incorporated
PI6CB184Q
www.diodes.com
September 2022
Diodes Incorporated
PI6CB184Q
Document Number DS41705 Rev 4-2
HCSL Input Characteristics
Temperature = TA; Supply voltages per normal operation conditions; See test circuits for the load conditions
Symbol Parameters
Conditions
Min.
Typ.
Max.
Units
VIHDIF
Diff. Input High Voltage(3)
IN+, IN-, single-end measurement
600
800
1150
mV
VILDIF
Diff. Input Low Voltage(3)
IN+, IN-, single-end measurement
-300
0
300
mV
VCOM
Diff. Input Common Mode
Voltage
150
1000
mV
VSWING
Diff. Input Swing Voltage
Peak to peak value (VIHDIF - VILDIF)
300
1450
mV
fINBP
Input Frequency
PLL Bypass mode
1
200
MHz
fIN100
Input Frequency
100MHz PLL
60
100
110
MHz
fIN125
Input Frequency
125MHz PLL
75
125
137.5
MHz
fIN156
Input Frequency
50MHz PLL
30
50
65
MHz
tSTAB
Clock Stabilization
From VDD Power-Up and after input clock
stabilization or de-assertion of PD# to 1st
clock
0.6
1.0
ms
tRF
Diff. Input Slew Rate(2)
Measured differentially
0.4
V/ns
IIN
Diff. Input Leakage Current
VIN = VDD, VIN = GND
-5
0.01
5
uA
tDC
Diff. Input Duty Cycle
Measured differentially
45
55
%
tjc-c
Diff. Input Cycle to cycle jitter Measured differentially
125
ps
Note:
1. Guaranteed by design and characterization, not 100% tested in production
2. Slew rate measured through +/-75mV window centered around differential zero
3. The device can be driven by a single-ended clock by driving the true clock and biasing the complement clock input to the Vbias, where Vbias is (VIH-VIL)/2
LVCMOS AC Electrical Characteristics
Temperature = TA; Supply voltages per normal operation conditions; See test circuits for the load conditions
Symbol
Parameters
Conditions
Min.
Typ.
Max.
Units
tOELAT
Output enable latency
Q start after OE# assertion
Q stop after OE# deassertion
1
3.5
clocks
tPDLAT
PD# de-assertion
Differential outputs enable after PD# de-
assertion
20
300
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com