Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB184Q Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PI6CB184Q
Description  4-Output PCIe Gen 4 Clock Buffer for Automotive Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB184Q Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PI6CB184Q Datasheet HTML 8Page - Diodes Incorporated PI6CB184Q Datasheet HTML 9Page - Diodes Incorporated PI6CB184Q Datasheet HTML 10Page - Diodes Incorporated PI6CB184Q Datasheet HTML 11Page - Diodes Incorporated PI6CB184Q Datasheet HTML 12Page - Diodes Incorporated PI6CB184Q Datasheet HTML 13Page - Diodes Incorporated PI6CB184Q Datasheet HTML 14Page - Diodes Incorporated PI6CB184Q Datasheet HTML 15Page - Diodes Incorporated PI6CB184Q Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
A Product Line of
Diodes Incorporated
PI6CB184Q
www.diodes.com
September 2022
Diodes Incorporated
PI6CB184Q
Document Number DS41705 Rev 4-2
Byte 2: Differential Output Slew Rate Control Register
Bit
Control Function Description
Type
Power Up
Condition 0
1
7
Reserved
1
6
SLEWRATECTR_Q3 Control slew rate of Q6
RW
1
Slow setting Fast setting
5
SLEWRATECTR_Q2 Control slew rate of Q5
RW
1
Slow setting Fast setting
4
Reserved
1
3
SLEWRATECTR_Q1 Control slew rate of Q3
RW
1
Slow setting Fast setting
2
Reserved
1
1
SLEWRATECTR_Q0 Control slew rate of Q1
RW
1
Slow setting Fast setting
0
Reserved
1
Byte 3: Frequency Select Control Register
Bit
Control Function Description
Type
Power Up
Condition 0
1
7
Reserved
1
6
Reserved
1
5
FREQ_SEL_EN
Enable SW selection of frequency
RW
0
SW Freq.
selection
disabled
SW Freq.
selection
enabled
4
FSEL1
Freq. Select Bit 1
RW(1)
0
See Frequency Select Table
3
FSEL0
Freq. Select Bit 0
RW(1)
0
2
Reserved
1
1
Reserved
1
0
SLEWRATESEL FB Adjust Slew Rate of Feedback signal
RW
1
2.0V/ns
3.0V/ns
Note:
1. B1[5] must be set to a 1 for these bits to have any effect on the part
Byte 4: Reserved
Bit
Control Function Description
Type
Power Up
Condition 0
1
7:0
Reserved
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com