Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6P41302 Datasheet (PDF) - Renesas Technology Corp

6P41302 Datasheet PDF - Renesas Technology Corp
Part # 6P41302
Download  6P41302 Download
File Size   548.16 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-OUTPUT SMALL FORM FACTOR PCIE GEN 1-3 CLOCK GENERATOR

6P41302 Datasheet (PDF)

Go To PDF Page Download Datasheet
6P41302 Datasheet PDF - Renesas Technology Corp

Part # 6P41302
Download  6P41302 Click to download

File Size   548.16 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-OUTPUT SMALL FORM FACTOR PCIE GEN 1-3 CLOCK GENERATOR

6P41302 Datasheet (HTML) - Renesas Technology Corp


6P41302 Product details

Description
The 6P41302 is an 8-output very low power clock generator
for PCIe Gen1-2-3 applications with integrated output
terminations providing Zo = 100. The device has 8 output
enables for clock management and supports 2 different
spread spectrum levels in addition to spread off.

Features
• Integrated terminations provide 100 differential Zo;
reduced component count and board space
• 1.8V operation; reduced power consumption
• Outputs can optionally be supplied from any voltage
between 1.05V and 1.8V; maximum power savings
• OE# pins; support DIF power management
• LP-HCSL differential clock outputs; reduced power and
board space
• Programmable Slew rate for each output; allows tuning
for various line lengths
• Programmable output amplitude; allows tuning for
various application environments
• DIF outputs blocked until PLL is locked; clean system
start-up
• Selectable 0%, -0.25% or -0.5% spread on DIF outputs;
reduces EMI
• External 25MHz crystal; supports tight ppm with 0 ppm
synthesis error
• Configuration can be accomplished with strapping pins;
SMBus interface not required for device control
• 3.3V tolerant SMBus interface works with legacy
controllers
• Space saving 6 x 6 mm 48-VFQFPN; minimal board
space
• Selectable SMBus addresses; multiple devices can
easily share an SMBus segment




Similar Part No. - 6P41302

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
6P41282 RENESAS-6P41282 Datasheet
633Kb / 15P
6-Output Very Low-Power PCIe Gen1–4 Clock Generator with Zo=100Ω
Mar 2020
6P41282NDG RENESAS-6P41282NDG Datasheet
633Kb / 15P
6-Output Very Low-Power PCIe Gen1–4 Clock Generator with Zo=100Ω
Mar 2020
6P41282NDG8 RENESAS-6P41282NDG8 Datasheet
633Kb / 15P
6-Output Very Low-Power PCIe Gen1–4 Clock Generator with Zo=100Ω
Mar 2020
6P41505 RENESAS-6P41505 Datasheet
561Kb / 27P
System Clock Generator
MAY 1, 2019
6P41505BNDGI RENESAS-6P41505BNDGI Datasheet
561Kb / 27P
System Clock Generator
MAY 1, 2019
More results


Similar Description - 6P41302

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CFGL201B PERICOM-PI6CFGL201B Datasheet
1Mb / 14P
2-Output Low Power PCIE Gen 1-2-3 Clock Generator
PI6CFGL401B PERICOM-PI6CFGL401B Datasheet
1Mb / 14P
4-Output Low Power PCIE Gen 1-2-3 Clock Generator
PI6CFGL601B PERICOM-PI6CFGL601B Datasheet
1,012Kb / 13P
6-Output Low Power PCIE Gen 1-2-3 Clock Generator
logo
Integrated Device Techn...
9FGU0831 IDT-9FGU0831_16 Datasheet
191Kb / 16P
8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
9FGV0831 IDT-9FGV0831_16 Datasheet
339Kb / 17P
8-O/P 1.8V PCIe Gen 1/2/3 Clock Generator
9FGV0841 IDT-9FGV0841_16 Datasheet
280Kb / 17P
8-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
9FGV0831 IDT-9FGV0831_17 Datasheet
266Kb / 17P
8-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
logo
Renesas Technology Corp
6P61033 RENESAS-6P61033 Datasheet
385Kb / 17P
8-OUTPUT SMALL FORM FACTOR PCIE GEN1-2-3 BUFFER
Mar 2020
9FGU0831 RENESAS-9FGU0831 Datasheet
384Kb / 17P
8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
9FGV0831 RENESAS-9FGV0831 Datasheet
516Kb / 16P
8-Output Very Low-Power PCIe Gen 1–4 Clock Generator
JUNE 6, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com