Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25115 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
LM25115 Datasheet PDF - National Semiconductor (TI)
Part # LM25115
Download  LM25115 Download
File Size   724.73 Kbytes
Page   17 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Secondary Side Post Regulator Controller

LM25115 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM25115 Datasheet PDF - National Semiconductor (TI)

Part # LM25115
Download  LM25115 Click to download

File Size   724.73 Kbytes
Page   17 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Secondary Side Post Regulator Controller

LM25115 Datasheet (HTML) - National Semiconductor (TI)


LM25115 Product details

General Description

The LM25115 controller contains all of the features necessary to implement multiple output power converters utilizing the Secondary Side Post Regulation (SSPR) technique. The SSPR technique develops a highly efficient and well regulated auxiliary output from the secondary side switching waveform of an isolated power converter. Regulation of the auxiliary output voltage is achieved by leading edge pulse width modulation (PWM) of the main channel duty cycle. Leading edge modulation is compatible with either current mode or voltage mode control of the main output. The LM25115 drives external high side and low side NMOS power switches configured as a synchronous buck regulator.



Features

Self-synchronization to main channel output

Free-run mode for buck regulation of DC input

Leading edge pulse width modulation

Voltage-mode control with current injection and input line feed-forward

Operates from AC or DC input up to 42V

Wide 4.5V to 30V bias supply range

Wide 0.75V to 13.5V output range.

Top and bottom gate drivers sink 2.5A peak

Adaptive gate driver dead-time control

Wide bandwidth error amplifier (4MHz)

Programmable soft-start

Thermal shutdown protection

TSSOP-16 or thermally enhanced LLP-16 packages




Similar Part No. - LM25115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25115 TI-LM25115 Datasheet
951Kb / 23P
LM25115 Secondary Side Post Regulator Controller
LM25115 TI2-LM25115 Datasheet
640Kb / 26P
LM25115 Secondary Side Post Regulator Controller
REVISED APRIL 2013
logo
National Semiconductor ...
LM25115A NSC-LM25115A Datasheet
403Kb / 20P
Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
Texas Instruments
LM25115A TI-LM25115A Datasheet
917Kb / 26P
LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
LM25115A TI2-LM25115A Datasheet
613Kb / 30P
LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
REVISED APRIL 2013
More results


Similar Description - LM25115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
Secondary Side Post Regulator Controller
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
Secondary Side Synchronous Post Regulator
logo
Texas Instruments
UCC3583D TI1-UCC3583D Datasheet
1Mb / 18P
Switch Mode Secondary Side Post Regulator
LM5115MTCX TI-LM5115MTCX Datasheet
931Kb / 24P
LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
logo
Linear Technology
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
Secondary Side Synchronous Post Regulator
logo
Texas Instruments
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
LM25115 TI-LM25115_15 Datasheet
951Kb / 23P
LM25115 Secondary Side Post Regulator Controller
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
Secondary Side Synchronous Post Regulator
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com