Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25115 Datasheet (PDF) - Texas Instruments

LM25115 Datasheet PDF - Texas Instruments
Part # LM25115
Download  LM25115 Download
File Size   640.15 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25115 Secondary Side Post Regulator Controller

LM25115 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM25115 Datasheet PDF - Texas Instruments

Part # LM25115
Download  LM25115 Click to download

File Size   640.15 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25115 Secondary Side Post Regulator Controller

LM25115 Datasheet (HTML) - Texas Instruments


LM25115 Product details

1FEATURES
2• Self-synchronization to Main Channel Output
• Free-run Mode for Buck Regulation of DC
Input
• Leading Edge Pulse Width Modulation
• Voltage-mode Control with Current Injection
and Input Line Feed-forward
• Operates from AC or DC Input up to 42V
• Wide 4.5V to 30V Bias Supply Range
• Wide 0.75V to 13.5V Output Range.
• Top and Bottom Gate Drivers Sink 2.5A Peak
• Adaptive Gate Driver Dead-time Control
• Wide Bandwidth Error Amplifier (4MHz)
• Programmable Soft-start
• Thermal Shutdown Protection
• TSSOP-16 or Thermally Enhanced WSON-16
Packages

DESCRIPTION
The LM25115 controller contains all of the features
necessary to implement multiple output power
converters utilizing the Secondary Side Post
Regulation (SSPR) technique. The SSPR technique
develops a highly efficient and well regulated auxiliary
output from the secondary side switching waveform of
an isolated power converter. Regulation of the
auxiliary output voltage is achieved by leading edge
pulse width modulation (PWM) of the main channel
duty cycle. Leading edge modulation is compatible
with either current mode or voltage mode control of
the main output. The LM25115 drives external high
side and low side NMOS power switches configured
as a synchronous buck regulator. A current sense
amplifier provides overload protection and operates
over a wide common mode input range. Additional features include a low dropout (LDO) bias regulator,
error amplifier, precision reference, adaptive dead
time control of the gate signals and thermal
shutdown.




Similar Part No. - LM25115

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
Secondary Side Post Regulator Controller
logo
Texas Instruments
LM25115 TI-LM25115 Datasheet
951Kb / 23P
LM25115 Secondary Side Post Regulator Controller
logo
National Semiconductor ...
LM25115A NSC-LM25115A Datasheet
403Kb / 20P
Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
Texas Instruments
LM25115A TI-LM25115A Datasheet
917Kb / 26P
LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
LM25115A TI2-LM25115A Datasheet
613Kb / 30P
LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
REVISED APRIL 2013
More results


Similar Description - LM25115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
Secondary Side Post Regulator Controller
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
Secondary Side Post Regulator Controller
logo
Texas Instruments
LM5115MTCX TI-LM5115MTCX Datasheet
931Kb / 24P
LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
logo
Linear Technology
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
Secondary Side Synchronous Post Regulator
logo
Texas Instruments
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
LM25115 TI-LM25115_15 Datasheet
951Kb / 23P
LM25115 Secondary Side Post Regulator Controller
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
Secondary Side Synchronous Post Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com