Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUBISIC Datasheet (PDF) - Exxelia Group

CUBISIC Datasheet PDF - Exxelia Group
Part # CUBISIC
Download  CUBISIC Download
File Size   606.37 Kbytes
Page   12 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description 8 000 h / 105°C

CUBISIC Datasheet (PDF)

Go To PDF Page Download Datasheet
CUBISIC Datasheet PDF - Exxelia Group

Part # CUBISIC
Download  CUBISIC Click to download

File Size   606.37 Kbytes
Page   12 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description 8 000 h / 105°C

CUBISIC Datasheet (HTML) - Exxelia Group


CUBISIC Product details

APPLICATIONS
• Low prof Ile printed circuit mounting
• Possible thermal dissipation per conduction through
lower and upper surface
• Switch mode power supplies, impulse current
Aluminum case: Tin coated leads
Negative pole marked
Tolerance on capacitance at 20°C : ±20 %
Operating temperature : – 55°C +105°C




Similar Part No. - CUBISIC

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
CUBISICHTLP EXXELIA-CUBISICHTLP Datasheet
119Kb / 3P
5 000 h / 125°C
Revision 04/22
CUBISICSLP EXXELIA-CUBISICSLP Datasheet
89Kb / 3P
5 000 h / 85°C
Revision 09/21
More results


Similar Description - CUBISIC

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
ALSIC20G EXXELIA-ALSIC20G Datasheet
599Kb / 12P
8 000 h / 105°C
Revision 01/19
FELSIC105 EXXELIA-FELSIC105 Datasheet
663Kb / 13P
8 000 h / 105°C
Revision 01/19
FELSIC105LP EXXELIA-FELSIC105LP Datasheet
629Kb / 11P
8 000 h / 105°C
Revision 01/19
FELSIC105TFRS EXXELIA-FELSIC105TFRS Datasheet
631Kb / 12P
8 000 h / 105°C
Revision 01/19
FELSICI-PLUS EXXELIA-FELSICI-PLUS Datasheet
524Kb / 11P
10 000 h / 85°C
Revision 07/16
SNAPSIC105-4P EXXELIA-SNAPSIC105-4P Datasheet
624Kb / 12P
8 000 h / 105°C
Revision 01/19
SNAPSIC105-LP EXXELIA-SNAPSIC105-LP Datasheet
597Kb / 12P
8 000 h / 105°C
Revision 01/19
SNAPSIC105 EXXELIA-SNAPSIC105 Datasheet
623Kb / 13P
8 000 h / 105°C
Revision 01/19
SNAPSIC125 EXXELIA-SNAPSIC125 Datasheet
594Kb / 12P
8 000 h / 125°C
Revision 01/19
SNAPSIC-HV EXXELIA-SNAPSIC-HV Datasheet
594Kb / 12P
8 000 h / 105°C
Revision 01/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com