Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSICI-PLUS Datasheet (PDF) - Exxelia Group

FELSICI-PLUS Datasheet PDF - Exxelia Group
Part # FELSICI-PLUS
Download  FELSICI-PLUS Download
File Size   524.22 Kbytes
Page   11 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description 10 000 h / 85°C

FELSICI-PLUS Datasheet (PDF)

Go To PDF Page Download Datasheet
FELSICI-PLUS Datasheet PDF - Exxelia Group

Part # FELSICI-PLUS
Download  FELSICI-PLUS Click to download

File Size   524.22 Kbytes
Page   11 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description 10 000 h / 85°C

FELSICI-PLUS Datasheet (HTML) - Exxelia Group


FELSICI-PLUS Product details

APPLICATIONS WITH HIGH RIPPLE CURRENT I~
• Power electronics : converters, current inverters
• Switch mode power supplies
• Magnetization, welding machines, fl ash
• Circuit with high impulse current
Fixing : Clip or stud fi xing
Screw terminals : M5 or M6
Tolerance on capacitance at 20°C : ±20 %
Operating temperature : – 55°C + 85°C




Similar Part No. - FELSICI-PLUS

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
FELSIC039 EXXELIA-FELSIC039 Datasheet
684Kb / 13P
32 000 h / 85°C
Revision 01/19
FELSIC105 EXXELIA-FELSIC105 Datasheet
663Kb / 13P
8 000 h / 105°C
Revision 01/19
FELSIC105LP EXXELIA-FELSIC105LP Datasheet
629Kb / 11P
8 000 h / 105°C
Revision 01/19
FELSIC105TFRS EXXELIA-FELSIC105TFRS Datasheet
631Kb / 12P
8 000 h / 105°C
Revision 01/19
FELSIC125FRS EXXELIA-FELSIC125FRS Datasheet
652Kb / 13P
3 500 h / 125°C
Revision 01/19
More results


Similar Description - FELSICI-PLUS

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
CUBISICSLP EXXELIA-CUBISICSLP Datasheet
89Kb / 3P
5 000 h / 85°C
Revision 09/21
FELSIC039 EXXELIA-FELSIC039 Datasheet
684Kb / 13P
32 000 h / 85°C
Revision 01/19
FELSIC105 EXXELIA-FELSIC105 Datasheet
663Kb / 13P
8 000 h / 105°C
Revision 01/19
FELSIC105LP EXXELIA-FELSIC105LP Datasheet
629Kb / 11P
8 000 h / 105°C
Revision 01/19
FELSIC85M EXXELIA-FELSIC85M Datasheet
674Kb / 14P
15 000 h / 85°C
Revision 01/19
FELSICCAPAX EXXELIA-FELSICCAPAX Datasheet
668Kb / 16P
15 000 h / 85°C
Revision 10/17
SICALCO42 EXXELIA-SICALCO42 Datasheet
660Kb / 15P
10 000 h / 85°C
Revision 04/23
SNAPSIC EXXELIA-SNAPSIC Datasheet
621Kb / 13P
10 000 h / 85°C
Revision 01/19
SNAPSIC105-LP EXXELIA-SNAPSIC105-LP Datasheet
597Kb / 12P
8 000 h / 105°C
Revision 01/19
SNAPSIC4P EXXELIA-SNAPSIC4P Datasheet
627Kb / 13P
10 000 h / 85°C
Revision 01/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com