Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8S73034I Datasheet (PDF) - Renesas Technology Corp

ICS8S73034I Datasheet PDF - Renesas Technology Corp
Part # ICS8S73034I
Download  ICS8S73034I Download
File Size   1080.92 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, ÷2, ÷4, ÷8 Differential-to-LVPECL Clock Divider

ICS8S73034I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8S73034I Datasheet PDF - Renesas Technology Corp

Part # ICS8S73034I
Download  ICS8S73034I Click to download

File Size   1080.92 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, ÷2, ÷4, ÷8 Differential-to-LVPECL Clock Divider

ICS8S73034I Datasheet (HTML) - Renesas Technology Corp


ICS8S73034I Product details

Features
• ÷2, ÷4 and ÷8 clock frequency divider
• Three differential LVPECL output pairs
• One differential PCLK, nPCLK input pair
• PCLK, nPCLK pair can accept the following differential input
levels: LVPECL, LVDS, CML
• VBB bias voltage generator supports single-ended LVPECL clock
input signals
• LVCMOS control inputs
• Maximum input frequency: 3.2GHz
• Translates any single-ended input signal to 3.3V LVPECL levels
with bias resistors on nPCLK input
• LVPECL mode operating voltage supply range:
VCC = 2.375V to 3.8V, VEE = 0V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS8S73034I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8S58021I IDT-ICS8S58021I Datasheet
734Kb / 18P
Differential-to-LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
ICS8S58021I RENESAS-ICS8S58021I Datasheet
931Kb / 19P
Differential-to-LVPECL/ECL Fanout Buffer
2019
logo
Integrated Device Techn...
ICS8S89831I IDT-ICS8S89831I Datasheet
744Kb / 21P
Output frequency
ICS8S89832I IDT-ICS8S89832I Datasheet
712Kb / 16P
Four differential LVDS output pairs
ICS8S89833I IDT-ICS8S89833I Datasheet
722Kb / 16P
Four differential LVDS outputs
More results


Similar Description - ICS8S73034I

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100310 FAIRCHILD-100310 Datasheet
63Kb / 6P
Low Skew 2:8 Differential Clock Driver
logo
ON Semiconductor
NB6L239 ONSEMI-NB6L239 Datasheet
94Kb / 12P
2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
April, 2004 ??Rev. 0
NB6L239 ONSEMI-NB6L239_06 Datasheet
104Kb / 13P
2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT /1/2/4/8, /2/4/8/16 Clock Divider
December, 2006 ??Rev. 5
logo
Integrated Device Techn...
8737-11 IDT-8737-11 Datasheet
228Kb / 17P
Low Skew Differential-to-3.3V LVPECL Clock Generator
8737I-11 IDT-8737I-11 Datasheet
242Kb / 15P
Low Skew Differential-to- 3.3V LVPECL Clock Generator
87339I-11 IDT-87339I-11 Datasheet
196Kb / 15P
Low Skew, Differential-to-3.3V LVPECL Clock Generator
ICS879S216I-02 IDT-ICS879S216I-02 Datasheet
873Kb / 22P
2:2, Differential-to-LVPECL/LVDS Divider
logo
Renesas Technology Corp
8737-11 RENESAS-8737-11 Datasheet
425Kb / 18P
Low Skew, ÷1/÷2 Differential-to-3.3V LVPECL Clock Generator
2/13/15
8737I-11 RENESAS-8737I-11 Datasheet
550Kb / 16P
Low Skew ÷1/÷2 Differential-to- 3.3V LVPECL Clock Generator
7/16/15
87339I-11 RENESAS-87339I-11 Datasheet
386Kb / 16P
Low Skew, ÷2/4,÷4/5/6, Differential-to-3.3V LVPECL Clock Generator
January 25, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com