Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB803DGILF Datasheet (PDF) - Renesas Technology Corp

9DB803DGILF Datasheet PDF - Renesas Technology Corp
Part # 9DB803DGILF
Download  9DB803DGILF Download
File Size   458.56 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2

9DB803DGILF Datasheet (PDF)

Go To PDF Page Download Datasheet
9DB803DGILF Datasheet PDF - Renesas Technology Corp

Part # 9DB803DGILF
Download  9DB803DGILF Click to download

File Size   458.56 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2

9DB803DGILF Datasheet (HTML) - Renesas Technology Corp


9DB803DGILF Product details

Output Features
• 8 - 0.7V current-mode differential output pairs
• Supports zero delay buffer mode and fanout mode
• Bandwidth programming available
• 50-100 MHz operation in PLL mode
• 50-400 MHz operation in Bypass mode

Features/Benefits
• Spread spectrum modulation tolerant, 0 to -0.5% down
spread and +/- 0.25% center spread
• Supports undriven differential outputs in PD# and
SRC_STOP# modes for power management
Key Specifications
• Outputs cycle-cycle jitter < 50ps
• Output to Output skew <50ps
• Phase jitter: PCIe Gen1 < 86ps peak to peak
• Phase jitter: PCIe Gen2 < 3.0/3.1ps rms




Similar Part No. - 9DB803DGILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DB803DGILF RENESAS-9DB803DGILF Datasheet
426Kb / 23P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
REV N 071013
9DB803DGILFT RENESAS-9DB803DGILFT Datasheet
426Kb / 23P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
REV N 071013
More results


Similar Description - 9DB803DGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB1200C IDT-9DB1200C Datasheet
155Kb / 14P
Twelve Output Differential Buffer for PCIe Gen1/Gen2, QPI, and FBDIMM
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
19 Output Differential Buffer for PCIe Gen2 and QPI
ICS9DB102 IDT-ICS9DB102_10 Datasheet
187Kb / 13P
Two Output Differential Buffer for PCIe Gen1 & Gen2
logo
Renesas Technology Corp
9DB1200C RENESAS-9DB1200C Datasheet
298Kb / 15P
Twelve Output Differential Buffer for PCIe Gen1/Gen2, QPI, and FBDIMM
8/15/12
9DB1904B RENESAS-9DB1904B Datasheet
318Kb / 19P
19 Output Differential Buffer for PCIe Gen2 and QPI
04/19/11
9DB433 RENESAS-9DB433 Datasheet
431Kb / 18P
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
9DB833 RENESAS-9DB833 Datasheet
407Kb / 19P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
ICS9DB102 RENESAS-ICS9DB102 Datasheet
301Kb / 14P
Two Output Differential Buffer for PCIe Gen1 & Gen2
2019
ICS9DB423 RENESAS-ICS9DB423 Datasheet
512Kb / 21P
4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
2019
ICS9DB823B RENESAS-ICS9DB823B Datasheet
482Kb / 23P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com