Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9E4101 Datasheet (PDF) - Renesas Technology Corp

ICS9E4101 Datasheet PDF - Renesas Technology Corp
Part # ICS9E4101
Download  ICS9E4101 Download
File Size   329.88 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Timing Control HubTM for Intel Systems

ICS9E4101 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9E4101 Datasheet PDF - Renesas Technology Corp

Part # ICS9E4101
Download  ICS9E4101 Click to download

File Size   329.88 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Timing Control HubTM for Intel Systems

ICS9E4101 Datasheet (HTML) - Renesas Technology Corp


ICS9E4101 Product details

Recommended Application:
I-temp CK410 clock, Intel Yellow Cover part
Output Features:
• 2 - 0.7V current-mode differential CPU pairs
• 6 - 0.7V current-mode differential SRC pair for SATA and
PCI-E
• 1 - 0.7V current-mode differential CPU/SRC selectable
pair
• 6 - PCI (33MHz)
• 3 - PCICLK_F, (33MHz) free-running
• 1 - USB, 48MHz
• 1 - DOT, 96MHz, 0.7V current differential pair
• 1 - REF, 14.318MHz
Key Specifications:
• CPU outputs cycle-cycle jitter < 85ps
• SRC output cycle-cycle jitter <125ps
• PCI outputs cycle-cycle jitter < 500ps
• +/- 300ppm frequency accuracy on CPU & SRC clocks
Features/Benefits:
• Supports tight ppm accuracy clocks for Serial-ATA and
PCI-Express
• Supports spread spectrum modulation, 0 to -0.5%
down spread
• Supports CPU clks up to 400MHz
• Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
• Supports undriven differential CPU, SRC pair in PD#
for power management.




Similar Part No. - ICS9E4101

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9E4101 IDT-ICS9E4101 Datasheet
194Kb / 19P
Programmable Timing Control HubTM for Intel Systems
More results


Similar Description - ICS9E4101

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950202 ICST-ICS950202 Datasheet
162Kb / 19P
Programmable Timing Control HubTM for P4TM
ICS954204 ICST-ICS954204 Datasheet
199Kb / 16P
Programmable Timing Control HubTM for Mobile P4TM Systems
logo
Integrated Device Techn...
954226 IDT-954226 Datasheet
207Kb / 22P
Programmable Timing Control HubTM for Mobile P4TM Systems
ICS9E4101 IDT-ICS9E4101 Datasheet
194Kb / 19P
Programmable Timing Control HubTM for Intel Systems
9E4101AFILF IDT-9E4101AFILF Datasheet
194Kb / 19P
Programmable Timing Control HubTM for Intel Systems
logo
Renesas Technology Corp
954226 RENESAS-954226 Datasheet
207Kb / 22P
Programmable Timing Control HubTM for Mobile P4TM Systems
04/13/10
9LRS4206 RENESAS-9LRS4206 Datasheet
415Kb / 17P
LOW POWER PROGRAMMABLE TIMING CONTROL HUBTM FOR INTEL SYSTEMS
2019
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
Programmable Timing Control HubTM for P4TM
01/25/10
ICS950202 RENESAS-ICS950202 Datasheet
416Kb / 21P
Programmable Timing Control HubTM for P4TM
2019
ICS951104 RENESAS-ICS951104 Datasheet
584Kb / 21P
Programmable Timing Control HubTM for P4TM
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com