Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950201 Datasheet (PDF) - Renesas Technology Corp

ICS950201 Datasheet PDF - Renesas Technology Corp
Part # ICS950201
Download  ICS950201 Download
File Size   343.38 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Timing Control HubTM for P4TM

ICS950201 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS950201 Datasheet PDF - Renesas Technology Corp

Part # ICS950201
Download  ICS950201 Click to download

File Size   343.38 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Timing Control HubTM for P4TM

ICS950201 Datasheet (HTML) - Renesas Technology Corp


ICS950201 Product details

Output Features:
• 3 Differential CPU Clock Pairs @ 3.3V
• 7 PCI (3.3V) @ 33.3MHz
• 3 PCI_F (3.3V) @ 33.3MHz
• 1 USB (3.3V) @ 48MHz
• 1 DOT (3.3V) @ 48MHz
• 1 REF (3.3V) @ 14.318MHz
• 5 3V66 (3.3V) @ 66.6MHz
• 1 VCH/3V66 (3.3V) @ 48MHz or 66.6MHz
Features:
• Supports spread spectrum modulation, down spread 0 to -0.5%.
• Efficient power management scheme through PD#, CPU_STOP# and PCI_STOP#.
• Uses external 14.318MHz crystal
• Stop clocks and functional control available through I2C interface.




Similar Part No. - ICS950201

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950201FLF-T ICST-ICS950201FLF-T Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950201GLF-T ICST-ICS950201GLF-T Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
More results


Similar Description - ICS950201

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950202 ICST-ICS950202 Datasheet
162Kb / 19P
Programmable Timing Control HubTM for P4TM
ICS954204 ICST-ICS954204 Datasheet
199Kb / 16P
Programmable Timing Control HubTM for Mobile P4TM Systems
logo
Integrated Device Techn...
954226 IDT-954226 Datasheet
207Kb / 22P
Programmable Timing Control HubTM for Mobile P4TM Systems
ICS932S208 IDT-ICS932S208 Datasheet
157Kb / 21P
Programmable Timing Control HubTM for Next Gen P4TM Processor
ICS952601 IDT-ICS952601 Datasheet
232Kb / 25P
Programmable Timing Control HubTM for Next Gen P4TM Processor
logo
Renesas Technology Corp
954226 RENESAS-954226 Datasheet
207Kb / 22P
Programmable Timing Control HubTM for Mobile P4TM Systems
04/13/10
ICS932S208 RENESAS-ICS932S208 Datasheet
283Kb / 22P
Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
ICS950202 RENESAS-ICS950202 Datasheet
416Kb / 21P
Programmable Timing Control HubTM for P4TM
2019
ICS951104 RENESAS-ICS951104 Datasheet
584Kb / 21P
Programmable Timing Control HubTM for P4TM
2019
ICS952601 RENESAS-ICS952601 Datasheet
371Kb / 26P
Programmable Timing Control HubTM for Next Gen P4TM Processor
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com