Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS932S208 Datasheet (PDF) - Renesas Technology Corp

ICS932S208 Datasheet PDF - Renesas Technology Corp
Part # ICS932S208
Download  ICS932S208 Download
File Size   283.92 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Timing Control HubTM for Next Gen P4TM Processor

ICS932S208 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS932S208 Datasheet PDF - Renesas Technology Corp

Part # ICS932S208
Download  ICS932S208 Click to download

File Size   283.92 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Timing Control HubTM for Next Gen P4TM Processor

ICS932S208 Datasheet (HTML) - Renesas Technology Corp


ICS932S208 Product details

Features/Benefits:
• Supports tight ppm accuracy clocks for Serial-ATA
• Supports spread spectrum modulation, 0 to -0.5%
down spread and +/- 0.25% center spread
• Supports CPU clks up to 400MHz in test mode
• Uses external 14.318MHz crystal
Output Features:
• 4 - 0.7V current-mode differential CPU pairs
• 1 - 0.7V current-mode differential SRC pair
• 7 - PCI (33MHz)
• 3 - PCICLK_F, (33MHz) free-running
• 1 - USB, 48MHz
• 1 - DOT, 48MHz
• 2 - REF, 14.318MHz
• 4 - 3V66, 66.66MHz
• 1 - VCH/3V66, selectable 48MHz or 66MHz
Key Specifications:
• CPU/SRC outputs cycle-cycle jitter < 125ps
• 3V66 outputs cycle-cycle jitter < 250ps
• PCI outputs cycle-cycle jitter < 250ps
• CPU outputs skew: < 100ps
• +/- 300ppm frequency accuracy on CPU & SRC clocks




Similar Part No. - ICS932S208

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS932S208 ICST-ICS932S208 Datasheet
145Kb / 20P
Programmable Timing Control Hub??for Next Gen P4??processor
logo
Integrated Device Techn...
ICS932S208 IDT-ICS932S208 Datasheet
157Kb / 21P
Programmable Timing Control HubTM for Next Gen P4TM Processor
logo
Integrated Circuit Syst...
ICS932S208YFLF-T ICST-ICS932S208YFLF-T Datasheet
145Kb / 20P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS932S208YGLF-T ICST-ICS932S208YGLF-T Datasheet
145Kb / 20P
Programmable Timing Control Hub??for Next Gen P4??processor
More results


Similar Description - ICS932S208

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950202 ICST-ICS950202 Datasheet
162Kb / 19P
Programmable Timing Control HubTM for P4TM
ICS954204 ICST-ICS954204 Datasheet
199Kb / 16P
Programmable Timing Control HubTM for Mobile P4TM Systems
logo
Integrated Device Techn...
954226 IDT-954226 Datasheet
207Kb / 22P
Programmable Timing Control HubTM for Mobile P4TM Systems
ICS932S208 IDT-ICS932S208 Datasheet
157Kb / 21P
Programmable Timing Control HubTM for Next Gen P4TM Processor
ICS952601 IDT-ICS952601 Datasheet
232Kb / 25P
Programmable Timing Control HubTM for Next Gen P4TM Processor
logo
Renesas Technology Corp
954226 RENESAS-954226 Datasheet
207Kb / 22P
Programmable Timing Control HubTM for Mobile P4TM Systems
04/13/10
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
Programmable Timing Control HubTM for P4TM
01/25/10
ICS950202 RENESAS-ICS950202 Datasheet
416Kb / 21P
Programmable Timing Control HubTM for P4TM
2019
ICS951104 RENESAS-ICS951104 Datasheet
584Kb / 21P
Programmable Timing Control HubTM for P4TM
2019
ICS952601 RENESAS-ICS952601 Datasheet
371Kb / 26P
Programmable Timing Control HubTM for Next Gen P4TM Processor
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com