Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS932S208 Datasheet (PDF) - Integrated Device Technology

ICS932S208 Datasheet PDF - Integrated Device Technology
Part # ICS932S208
Download  ICS932S208 Download
File Size   157.46 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Programmable Timing Control HubTM for Next Gen P4TM Processor

ICS932S208 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS932S208 Datasheet PDF - Integrated Device Technology

Part # ICS932S208
Download  ICS932S208 Click to download

File Size   157.46 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Programmable Timing Control HubTM for Next Gen P4TM Processor

ICS932S208 Datasheet (HTML) - Integrated Device Technology


ICS932S208 Product details

General Description
ICS932S208 follows Intel CK409B Yellow Cover specification. This clock synthesizer provides a single chip solution for next generation P4 Intel processors and Intel chipsets. ICS932S208 is driven with a 14.318MHz crystal. It generates CPU outputs up to 200MHz. It also provides a tight ppm accuracy output for Serial ATA support.

Features/Benefits:
• Supports tight ppm accuracy clocks for Serial-ATA
• Supports spread spectrum modulation, 0 to -0.5% down spread and +/- 0.25% center spread
• Supports CPU clks up to 400MHz in test mode
• Uses external 14.318MHz crystal

Output Features:
• 4 - 0.7V current-mode differential CPU pairs
• 1 - 0.7V current-mode differential SRC pair
• 7 - PCI (33MHz)
• 3 - PCICLK_F, (33MHz) free-running
• 1 - USB, 48MHz
• 1 - DOT, 48MHz
• 2 - REF, 14.318MHz
• 4 - 3V66, 66.66MHz
• 1 - VCH/3V66, selectable 48MHz or 66MHz

Recommended Application:
    CK409B clock, Intel Yellow Cover part, Server Applications




Similar Part No. - ICS932S208

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS932S208 ICST-ICS932S208 Datasheet
145Kb / 20P
Programmable Timing Control Hub??for Next Gen P4??processor
logo
Renesas Technology Corp
ICS932S208 RENESAS-ICS932S208 Datasheet
283Kb / 22P
Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
logo
Integrated Circuit Syst...
ICS932S208YFLF-T ICST-ICS932S208YFLF-T Datasheet
145Kb / 20P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS932S208YGLF-T ICST-ICS932S208YGLF-T Datasheet
145Kb / 20P
Programmable Timing Control Hub??for Next Gen P4??processor
More results


Similar Description - ICS932S208

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950202 ICST-ICS950202 Datasheet
162Kb / 19P
Programmable Timing Control HubTM for P4TM
ICS954204 ICST-ICS954204 Datasheet
199Kb / 16P
Programmable Timing Control HubTM for Mobile P4TM Systems
logo
Integrated Device Techn...
954226 IDT-954226 Datasheet
207Kb / 22P
Programmable Timing Control HubTM for Mobile P4TM Systems
ICS952601 IDT-ICS952601 Datasheet
232Kb / 25P
Programmable Timing Control HubTM for Next Gen P4TM Processor
logo
Renesas Technology Corp
954226 RENESAS-954226 Datasheet
207Kb / 22P
Programmable Timing Control HubTM for Mobile P4TM Systems
04/13/10
ICS932S208 RENESAS-ICS932S208 Datasheet
283Kb / 22P
Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
Programmable Timing Control HubTM for P4TM
01/25/10
ICS950202 RENESAS-ICS950202 Datasheet
416Kb / 21P
Programmable Timing Control HubTM for P4TM
2019
ICS951104 RENESAS-ICS951104 Datasheet
584Kb / 21P
Programmable Timing Control HubTM for P4TM
2019
ICS952601 RENESAS-ICS952601 Datasheet
371Kb / 26P
Programmable Timing Control HubTM for Next Gen P4TM Processor
2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com