Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS932S208 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS932S208
Description  Programmable Timing Control HubTM for Next Gen P4TM Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS932S208 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS932S208 Datasheet HTML 1Page - Renesas Technology Corp ICS932S208 Datasheet HTML 2Page - Renesas Technology Corp ICS932S208 Datasheet HTML 3Page - Renesas Technology Corp ICS932S208 Datasheet HTML 4Page - Renesas Technology Corp ICS932S208 Datasheet HTML 5Page - Renesas Technology Corp ICS932S208 Datasheet HTML 6Page - Renesas Technology Corp ICS932S208 Datasheet HTML 7Page - Renesas Technology Corp ICS932S208 Datasheet HTML 8Page - Renesas Technology Corp ICS932S208 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
IDT® Programmable Timing Control HubTM for Next Gen P4TM Processor
0743H—03/15/13
ICS932S208
Programmable Timing Control HubTM for Next Gen P4TM Processor
2
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
REF0
OUT
14.318 MHz reference clock.
2
REF1
OUT
14.318 MHz reference clock.
3
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
4X1
IN
Crystal input, Nominally 14.318MHz.
5
X2
OUT
Crystal output, Nominally 14.318MHz
6
GND
PWR
Ground pin.
7
PCICLK_F0
OUT
Free running PCI clock not affected by PCI_STOP# .
8
PCICLK_F1
OUT
Free running PCI clock not affected by PCI_STOP# .
9
PCICLK_F2
OUT
Free running PCI clock not affected by PCI_STOP# .
10
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
11
GND
PWR
Ground pin.
12
PCICLK0
OUT
PCI clock output.
13
PCICLK1
OUT
PCI clock output.
14
PCICLK2
OUT
PCI clock output.
15
PCICLK3
OUT
PCI clock output.
16
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
17
GND
PWR
Ground pin.
18
PCICLK4
OUT
PCI clock output.
19
PCICLK5
OUT
PCI clock output.
20
PCICLK6
OUT
PCI clock output.
21
PD#
IN
Asynchronous active low input pin used to power down the device into a
low power state. The internal clocks are disabled and the VCO and the
crystal are stopped. The latency of the power down will not be greater
than 1.8ms. Internal pull-up of 150K nominal.
22
3V66_0
OUT
3.3V 66.66MHz clock output
23
3V66_1
OUT
3.3V 66.66MHz clock output
24
VDD3V66
PWR
Power pin for the 3V66 clocks.
25
GND
PWR
Ground pin.
26
3V66_2
OUT
3.3V 66.66MHz clock output
27
3V66_3
OUT
3.3V 66.66MHz clock output
28
SCLK
IN
Clock pin of I2C circuitry 5V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com