Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950201 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS950201
Description  Programmable Timing Control HubTM for P4TM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950201 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS950201 Datasheet HTML 3Page - Renesas Technology Corp ICS950201 Datasheet HTML 4Page - Renesas Technology Corp ICS950201 Datasheet HTML 5Page - Renesas Technology Corp ICS950201 Datasheet HTML 6Page - Renesas Technology Corp ICS950201 Datasheet HTML 7Page - Renesas Technology Corp ICS950201 Datasheet HTML 8Page - Renesas Technology Corp ICS950201 Datasheet HTML 9Page - Renesas Technology Corp ICS950201 Datasheet HTML 10Page - Renesas Technology Corp ICS950201 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
IDTTM Programmable Timing Control HubTM for P4TM
460J—01/25/10
ICS950201
Programmable Timing Control HubTM for P4TM
7
Byte 2: Control Register
Notes:
1. R= Read only RW= Read and Write
2. PWD = Power on Default
Byte 3: Control Register
Byte 4: Control Register
t
i
B#
n
i
Pe
m
a
ND
W
Pe
p
y
Tn
o
i
t
p
i
r
c
s
e
D
0
t
i
B0
10
K
L
C
I
C
P1
W
Rd
e
l
b
a
n
E
=
1
d
e
l
b
a
s
i
D
=
0
1
t
i
B1
11
K
L
C
I
C
P1
W
Rd
e
l
b
a
n
E
=
1
d
e
l
b
a
s
i
D
=
0
2
t
i
B2
12
K
L
C
I
C
P1
W
Rd
e
l
b
a
n
E
=
1
d
e
l
b
a
s
i
D
=
0
3
t
i
B3
13
K
L
C
I
C
P1
W
Rd
e
l
b
a
n
E
=
1
d
e
l
b
a
s
i
D
=
0
4
t
i
B6
14
K
L
C
I
C
P1
W
Rd
e
l
b
a
n
E
=
1
d
e
l
b
a
s
i
D
=
0
5
t
i
B7
15
K
L
C
I
C
P1
W
Rd
e
l
b
a
n
E
=
1
d
e
l
b
a
s
i
D
=
0
6
t
i
B8
16
K
L
C
I
C
P1
W
Rd
e
l
b
a
n
E
=
1
d
e
l
b
a
s
i
D
=
0
7
t
i
B-
-
0
-
)
d
e
v
r
e
s
e
R
(
t
i
B#
n
i
Pe
m
a
ND
W
Pe
p
y
Tn
o
i
t
p
i
r
c
s
e
D
0
t
i
B5
0
F
_
K
L
C
I
C
P1
W
Rd
e
l
b
a
n
E
=
1
d
e
l
b
a
s
i
D
=
0
1
t
i
B6
1
F
_
K
L
C
I
C
P1
W
Rd
e
l
b
a
n
E
=
1
d
e
l
b
a
s
i
D
=
0
2
t
i
B7
2
F
_
K
L
C
I
C
P1
W
Rd
e
l
b
a
n
E
=
1
d
e
l
b
a
s
i
D
=
0
3
t
i
B5
0
F
_
K
L
C
I
C
P0
W
R
f
o
n
o
i
t
r
e
s
s
a
h
t
i
w
0
F
_
K
L
C
I
C
P
f
o
l
o
r
t
n
o
c
w
o
ll
A
e
e
r
f
t
o
N
=
1
,
g
n
i
n
n
u
R
e
e
r
F
=
0
.
#
P
O
T
S
_
I
C
P
g
n
i
n
n
u
r
4
t
i
B6
1
F
_
K
L
C
I
C
P0
W
R
f
o
n
o
i
t
r
e
s
s
a
h
t
i
w
1
F
_
K
L
C
I
C
P
f
o
l
o
r
t
n
o
c
w
o
ll
A
e
e
r
f
t
o
N
=
1
,
g
n
i
n
n
u
R
e
e
r
F
=
0
.
#
P
O
T
S
_
I
C
P
g
n
i
n
n
u
r
5
t
i
B7
2
F
_
K
L
C
I
C
P0
W
R
f
o
n
o
i
t
r
e
s
s
a
h
t
i
w
2
F
_
K
L
C
I
C
P
f
o
l
o
r
t
n
o
c
w
o
ll
A
e
e
r
f
t
o
N
=
1
,
g
n
i
n
n
u
R
e
e
r
F
=
0
.
#
P
O
T
S
_
I
C
P
g
n
i
n
n
u
r
6
t
i
B9
3B
S
U
_
z
H
M
8
41
W
Rd
e
l
b
a
n
E
=
1
d
e
l
b
a
s
i
D
=
0
7
t
i
B8
3T
O
D
_
z
H
M
8
41
W
Rd
e
l
b
a
n
E
=
1
d
e
l
b
a
s
i
D
=
0
t
i
B#
n
i
Pe
m
a
ND
W
Pe
p
y
Tn
o
i
t
p
i
r
c
s
e
D
0
t
i
B1
22
-
6
6
V
31
W
Rd
e
l
b
a
n
E
=
1
d
e
l
b
a
s
i
D
=
0
1
t
i
B2
23
-
6
6
V
31
W
Rd
e
l
b
a
n
E
=
1
d
e
l
b
a
s
i
D
=
0
2
t
i
B3
24
-
6
6
V
31
W
Rd
e
l
b
a
n
E
=
1
d
e
l
b
a
s
i
D
=
0
3
t
i
B4
25
_
6
6
V
31
W
Rd
e
l
b
a
n
E
=
1
d
e
l
b
a
s
i
D
=
0
4
t
i
B5
3K
L
C
_
H
C
V
/
1
_
6
6
V
31
W
Rd
e
l
b
a
n
E
=
1
d
e
l
b
a
s
i
D
=
0
5
t
i
B3
30
_
6
6
V
31
W
Rd
e
l
b
a
n
E
=
1
d
e
l
b
a
s
i
D
=
0
6
t
i
B-
-
0
R
)
d
e
v
r
e
s
e
R
(
7
t
i
B-
-
0
R
)
d
e
v
r
e
s
e
R
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com