Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950201 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS950201
Description  Programmable Timing Control HubTM for P4TM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950201 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS950201 Datasheet HTML 7Page - Renesas Technology Corp ICS950201 Datasheet HTML 8Page - Renesas Technology Corp ICS950201 Datasheet HTML 9Page - Renesas Technology Corp ICS950201 Datasheet HTML 10Page - Renesas Technology Corp ICS950201 Datasheet HTML 11Page - Renesas Technology Corp ICS950201 Datasheet HTML 12Page - Renesas Technology Corp ICS950201 Datasheet HTML 13Page - Renesas Technology Corp ICS950201 Datasheet HTML 14Page - Renesas Technology Corp ICS950201 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IDTTM Programmable Timing Control HubTM for P4TM
460J—01/25/10
ICS950201
Programmable Timing Control HubTM for P4TM
11
All 3V66 clocks are to be in pphase with each other. In the case where 3V66_1 is configured as 48MHz VCH clock, there is no
defined phase relationship between 3V66_1/VCH and other 3V66 clocks. The PCI group should lag 3V66 by the standard
skew described below as Tpci.
Un-Buffered Mode 3V66 & PCI Phase Relationship
3V66 (1:0)
3V66 (4:2)
3V66_5
PCICLK_F (2:0) PCICLK (6:0)
Tpci
Group Skews at Common Transition Edges: (Un-Buffered Mode)
GROUP
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
3V66
3V66
3V66 pin to pin skew
0
500
ps
PCI
PCI
PCI_F and PCI pin to pin skew
0
500
ps
3V66 to PCI
S3V66-PCI
3V66 leads 33MHz PCI
1.5
3.5
ns
1Guaranteed by design, not 100% tested in production.
PD# Functionality
#
P
O
T
S
_
U
P
CT
U
P
CC
U
P
C6
6
V
3T
U
O
_
z
H
M
6
6
F
_
K
L
C
I
C
P
K
L
C
I
C
P
K
L
C
I
C
P
T
O
D
/
B
S
U
z
H
M
8
4
1l
a
m
r
o
Nl
a
m
r
o
Nz
H
M
6
6N
I
_
z
H
M
6
6N
I
_
z
H
M
6
6N
I
_
z
H
M
6
6z
H
M
8
4
0t
l
u
M
*
f
e
r
it
a
o
l
Fw
o
Lw
o
Lw
o
Lw
o
Lw
o
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com