Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950201 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS950201
Description  Programmable Timing Control HubTM for P4TM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950201 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS950201 Datasheet HTML 1Page - Renesas Technology Corp ICS950201 Datasheet HTML 2Page - Renesas Technology Corp ICS950201 Datasheet HTML 3Page - Renesas Technology Corp ICS950201 Datasheet HTML 4Page - Renesas Technology Corp ICS950201 Datasheet HTML 5Page - Renesas Technology Corp ICS950201 Datasheet HTML 6Page - Renesas Technology Corp ICS950201 Datasheet HTML 7Page - Renesas Technology Corp ICS950201 Datasheet HTML 8Page - Renesas Technology Corp ICS950201 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ICS950201
IDTTM Programmable Timing Control HubTM for P4TM
460J—01/25/10
Programmable Timing Control HubTM for P4TM
1
DATASHEET
Pin Configuration
Recommended Application:
CK-408 clock for Intel
® 845 chipset with P4 processor.
Output Features:
•
3 Differential CPU Clock Pairs @ 3.3V
•
7 PCI (3.3V) @ 33.3MHz
•
3 PCI_F (3.3V) @ 33.3MHz
•
1 USB (3.3V) @ 48MHz
•
1 DOT (3.3V) @ 48MHz
•
1 REF (3.3V) @ 14.318MHz
•
5 3V66 (3.3V) @ 66.6MHz
•
1 VCH/3V66 (3.3V) @ 48MHz or 66.6MHz
Features:
•
Supports spread spectrum modulation,
down spread 0 to -0.5%.
•
Efficient power management scheme through PD#,
CPU_STOP# and PCI_STOP#.
•
Uses external 14.318MHz crystal
•
Stop clocks and functional control available through
I
2C interface.
Key Specifications:
•
CPU Output Jitter <150ps
•
3V66 Output Jitter <250ps
•
CPU Output Skew <100ps, programmable over 800 ps
with groups CPU0,1 and CPU2.
56-Pin SSOP & TSSOP
* These inputs have 150K internal pull-up resistor to VDD.
Frequency Table
2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
6
6
V
3
)
z
H
M
(
]
0
:
2
[
f
f
u
B
6
6
]
2
:
4
[
6
6
V
3
)
z
H
M
(
F
_
I
C
P
I
C
P
)
z
H
M
(
00
0
6
6
.
6
66
6
.
6
66
6
.
6
63
3
.
3
3
00
1
0
0
.
0
0
16
6
.
6
66
6
.
6
63
3
.
3
3
01
0
0
0
.
0
0
26
6
.
6
66
6
.
6
63
3
.
3
3
01
1
3
3
.
3
3
16
6
.
6
66
6
.
6
63
3
.
3
3
d
i
M0
0
e
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
T
d
i
M0
1
2
/
K
L
C
T4
/
K
L
C
T4
/
K
L
C
T8
/
K
L
C
T
d
i
M1
0
d
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
R
d
i
M1
1
d
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
R


Similar Part No. - ICS950201

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950201FLF-T ICST-ICS950201FLF-T Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950201GLF-T ICST-ICS950201GLF-T Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
More results

Similar Description - ICS950201

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950202 ICST-ICS950202 Datasheet
162Kb / 19P
Programmable Timing Control HubTM for P4TM
ICS954204 ICST-ICS954204 Datasheet
199Kb / 16P
Programmable Timing Control HubTM for Mobile P4TM Systems
logo
Integrated Device Techn...
954226 IDT-954226 Datasheet
207Kb / 22P
Programmable Timing Control HubTM for Mobile P4TM Systems
ICS932S208 IDT-ICS932S208 Datasheet
157Kb / 21P
Programmable Timing Control HubTM for Next Gen P4TM Processor
ICS952601 IDT-ICS952601 Datasheet
232Kb / 25P
Programmable Timing Control HubTM for Next Gen P4TM Processor
logo
Renesas Technology Corp
954226 RENESAS-954226 Datasheet
207Kb / 22P
Programmable Timing Control HubTM for Mobile P4TM Systems
04/13/10
ICS932S208 RENESAS-ICS932S208 Datasheet
283Kb / 22P
Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
ICS950202 RENESAS-ICS950202 Datasheet
416Kb / 21P
Programmable Timing Control HubTM for P4TM
2019
ICS951104 RENESAS-ICS951104 Datasheet
584Kb / 21P
Programmable Timing Control HubTM for P4TM
2019
ICS952601 RENESAS-ICS952601 Datasheet
371Kb / 26P
Programmable Timing Control HubTM for Next Gen P4TM Processor
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com