Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG1200D-1 Datasheet (PDF) - Renesas Technology Corp

ICS9FG1200D-1 Datasheet PDF - Renesas Technology Corp
Part # ICS9FG1200D-1
Download  ICS9FG1200D-1 Download
File Size   350.82 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Gearing Clock for CPU, PCIe Gen1, Gen2 & FBD

ICS9FG1200D-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9FG1200D-1 Datasheet PDF - Renesas Technology Corp

Part # ICS9FG1200D-1
Download  ICS9FG1200D-1 Click to download

File Size   350.82 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Gearing Clock for CPU, PCIe Gen1, Gen2 & FBD

ICS9FG1200D-1 Datasheet (HTML) - Renesas Technology Corp


ICS9FG1200D-1 Product details

Description
ICS9FG1200D-1 follows the Intel DB1200GS Differential Buffer
Specification. This buffer provides 12 output clocks for CPU Host
Bus, PCIe Gen2, or Fully Buffered DIMM applications. The outputs
are configured with two groups. Both groups (DIF 9:0) and (DIF
11:10) can be equal to or have a gear ratio to the input clock. A
differential CPU clock from a CK410B+ main clock generator,
such as the ICS932S421, drives the . The
can provide outputs up to 400MHz.
Key Specifications
• DIF output cycle-to-cycle jitter < 50ps
• DIF output-to-output skew < 100ps across all outputs in 1:1 mode
• 56-pin SSOP/TSSOP package
• RoHS compliant packaging
Features/Benefits
• Drives 2 channels of 4 FBDIMMs (total of 8 FBDIMMs)
• Power up default is all outputs in 1:1 mode
• DIF_(9:0) can be “gear-shifted” from the input CPU Host
Clock
• DIF_(11:10) can be “gear-shifted” from the input CPU
Host Clock
• Spread spectrum compatible
• Supports output clock frequencies up to 400 MHz
• 8 Selectable SMBus addresses
• SMBus address determines PLL or Bypass mode




Similar Part No. - ICS9FG1200D-1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG1200D-1 IDT-ICS9FG1200D-1 Datasheet
292Kb / 23P
Frequency Gearing Clock for CPU, PCIe Gen1, Gen2
More results


Similar Description - ICS9FG1200D-1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG104 IDT-ICS9FG104 Datasheet
246Kb / 17P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Integrated Circuit Syst...
ICS9FG1904B-1 ICST-ICS9FG1904B-1 Datasheet
221Kb / 22P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
Integrated Device Techn...
9FG1901H IDT-9FG1901H Datasheet
194Kb / 18P
Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
ICS9FG104D IDT-ICS9FG104D Datasheet
167Kb / 17P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG1200D-1 IDT-ICS9FG1200D-1 Datasheet
292Kb / 23P
Frequency Gearing Clock for CPU, PCIe Gen1, Gen2
ICS9FG1201H IDT-ICS9FG1201H_11 Datasheet
243Kb / 23P
Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, & FBD
logo
Renesas Technology Corp
9FG1901H RENESAS-9FG1901H Datasheet
340Kb / 19P
Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
02/02/10
ICS9FG108E RENESAS-ICS9FG108E Datasheet
450Kb / 20P
FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
ICS9FG1201H RENESAS-ICS9FG1201H Datasheet
391Kb / 24P
Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, & FBD
09/23/09
ICS9FG1904B-1 RENESAS-ICS9FG1904B-1 Datasheet
415Kb / 23P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com