Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LP505-1 Datasheet (PDF) - Renesas Technology Corp

ICS9LP505-1 Datasheet PDF - Renesas Technology Corp
Part # ICS9LP505-1
Download  ICS9LP505-1 Download
File Size   346.96 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64-pin CK505 for Desktop Systems

ICS9LP505-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9LP505-1 Datasheet PDF - Renesas Technology Corp

Part # ICS9LP505-1
Download  ICS9LP505-1 Click to download

File Size   346.96 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64-pin CK505 for Desktop Systems

ICS9LP505-1 Datasheet (HTML) - Renesas Technology Corp


ICS9LP505-1 Product details

Output Features:
• 2 - CPU differential low power push-pull pairs
• 10 - SRC differential low power push-pull pairs
• 1 - CPU/SRC selectable differential low power push-pull pair
• 1 - SRC/DOT selectable differential low power push-pull pair
• 5 - PCI, 33MHz
• 1 - PCI_F, 33MHz free running
• 1 - USB, 48MHz
• 1 - REF, 14.318MHz

Key Specifications:
• CPU outputs cycle-cycle jitter < 85ps
• SRC output cycle-cycle jitter < 125ps
• PCI outputs cycle-cycle jitter < 500ps
• +/- 100ppm frequency accuracy on CPU & SRC clocks
Features/Benefits:
• Supports spread spectrum modulation, default is 0.5% down spread
• Uses external 14.318MHz crystal, external crystal load caps are required for frequency tuning
• Selectable SRC differential push-pull pair/two single-ended outputs




Similar Part No. - ICS9LP505-1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LP505-1HGLF IDT-ICS9LP505-1HGLF Datasheet
57Kb / 1P
PC MAIN CLOCK
More results


Similar Description - ICS9LP505-1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS525 IDT-ICS9LPRS525 Datasheet
239Kb / 21P
56-pin CK505 for Intel Systems
ICS9LPRS535 IDT-ICS9LPRS535 Datasheet
225Kb / 17P
48-pin CK505 for Intel Systems
logo
Integrated Circuit Solu...
ICS9LPRS545 ICSI-ICS9LPRS545 Datasheet
221Kb / 17P
48-pin CK505 for Intel Systems
logo
Integrated Device Techn...
ICS9LP525-2 IDT-ICS9LP525-2 Datasheet
232Kb / 21P
56-pin CK505 for Intel Desktop Systems
ICS9LPRS535 IDT-ICS9LPRS535_10 Datasheet
222Kb / 17P
48-pin CK505 for Intel Systems
9LP505-2HGLF IDT-9LP505-2HGLF Datasheet
61Kb / 1P
56-pin CK505 for Desktop P4??Systems
logo
Renesas Technology Corp
ICS9LP525-2 RENESAS-ICS9LP525-2 Datasheet
369Kb / 22P
56-pin CK505 for Intel Desktop Systems
2019
ICS9LPRS535 RENESAS-ICS9LPRS535 Datasheet
430Kb / 18P
48-pin CK505 for Intel Systems
2019
ICS9LRS4103 RENESAS-ICS9LRS4103 Datasheet
193Kb / 15P
32-pin CK505 for Intel Systems
01/06/11
ICS9LRS4903 RENESAS-ICS9LRS4903 Datasheet
235Kb / 16P
32-pin CK505 for Intel Systems
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com