Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9LRS4103 Datasheet (PDF) - Renesas Technology Corp

9LRS4103 Datasheet PDF - Renesas Technology Corp
Part # 9LRS4103
Download  9LRS4103 Download
File Size   193.01 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-pin CK505 for Intel Systems

9LRS4103 Datasheet (PDF)

Go To PDF Page Download Datasheet
9LRS4103 Datasheet PDF - Renesas Technology Corp

Part # 9LRS4103
Download  9LRS4103 Click to download

File Size   193.01 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-pin CK505 for Intel Systems

9LRS4103 Datasheet (HTML) - Renesas Technology Corp


9LRS4103 Product details

Recommended Application:
Main clock for Intel 5/6 series desktop/embedded chipsets
Output Features:
• 1 - Low power push-pull CPU pair
• 1 - Low power push-pull SRC pair
• 1 - Low power push-pull 120MHz DISP/100MHz SRC pair
• 1 - Low power push-pull SATA/100MHz SRC pair
• 1 - Low power push-pull DOT96M pair
• 1 - 14.318M 3.3V REF output
Key Specifications:
• CPU cycle to cycle jitter <85ps
• SRC cycle to cycle jitter <85ps
• PCIe Gen2 compliant

Features/Benefits:
• CPU synchronous with SRC/CPU and SRC can be
interchanged for board routing
• Default 0.5% down spread modulation/Reduces EMI
• External 14.318M XTAL/allows precise frequency tuning
• Fully integrated VREG for low power outputs/reduces
board space
• Integrated 33ohm Rs on differential outputs/reduces
external component cost
• SMBus Interface/unused outputs can be disabled




Similar Part No. - 9LRS4103

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9LRS4103 RENESAS-9LRS4103 Datasheet
295Kb / 16P
32-pin CK505 for Intel Systems
03/16/10
logo
Integrated Device Techn...
9LRS4103BKLF IDT-9LRS4103BKLF Datasheet
160Kb / 15P
32-pin CK505 for Intel Systems
logo
Renesas Technology Corp
9LRS4103BKLF RENESAS-9LRS4103BKLF Datasheet
295Kb / 16P
32-pin CK505 for Intel Systems
03/16/10
logo
Integrated Device Techn...
9LRS4103BKLFT IDT-9LRS4103BKLFT Datasheet
160Kb / 15P
32-pin CK505 for Intel Systems
logo
Renesas Technology Corp
9LRS4103BKLFT RENESAS-9LRS4103BKLFT Datasheet
295Kb / 16P
32-pin CK505 for Intel Systems
03/16/10
More results


Similar Description - 9LRS4103

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS525 IDT-ICS9LPRS525 Datasheet
239Kb / 21P
56-pin CK505 for Intel Systems
ICS9LPRS535 IDT-ICS9LPRS535 Datasheet
225Kb / 17P
48-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525_10 Datasheet
237Kb / 21P
56-pin CK505 for Intel Systems
logo
Integrated Circuit Solu...
ICS9LPRS545 ICSI-ICS9LPRS545 Datasheet
221Kb / 17P
48-pin CK505 for Intel Systems
logo
Integrated Device Techn...
ICS9LPRS535 IDT-ICS9LPRS535_10 Datasheet
222Kb / 17P
48-pin CK505 for Intel Systems
ICS9LPRS545 IDT-ICS9LPRS545 Datasheet
221Kb / 17P
48-pin CK505 for Intel Systems
ICS9LRS4103 IDT-ICS9LRS4103 Datasheet
160Kb / 15P
32-pin CK505 for Intel Systems
logo
Renesas Technology Corp
9LRS4103 RENESAS-9LRS4103 Datasheet
295Kb / 16P
32-pin CK505 for Intel Systems
03/16/10
ICS9LPRS535 RENESAS-ICS9LPRS535 Datasheet
430Kb / 18P
48-pin CK505 for Intel Systems
2019
ICS9LRS4903 RENESAS-ICS9LRS4903 Datasheet
235Kb / 16P
32-pin CK505 for Intel Systems
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com