Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTC-1010-R2004 Datasheet (PDF) - AAEON Technology

RTC-1010-R2004 Datasheet PDF - AAEON Technology
Part # RTC-1010-R2004
Download  RTC-1010-R2004 Download
File Size   639.33 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description 10.1" Rugged Tablet Features Intel N3350 / N4200 Processor With Windows® 10

RTC-1010-R2004 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTC-1010-R2004 Datasheet PDF - AAEON Technology

Part # RTC-1010-R2004
Download  RTC-1010-R2004 Click to download

File Size   639.33 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description 10.1" Rugged Tablet Features Intel N3350 / N4200 Processor With Windows® 10

RTC-1010-R2004 Datasheet (HTML) - AAEON Technology


RTC-1010-R2004 Product details

Features
■ 10.1" WXGA (1280 x 800) 800-nit / 300-nit TFT LCD
■ Intel® Celeron™ N3350 1.1GHz Dual Core Up to 2.4GHz (N4200
Optional)
■ Onboard DDR3L Memory, 4GB (Default) / 8GB
■ eMMC 64GB (Up to 256GB, Optional)
■ WiFi 802.11b/g/n, Bluetooth 5.1, LTE (Optional)
■ 2MP Front and 8MP Rear Camera
■ RS-232/422/485 COM Port + 10/100/1000 Base-T RJ45
■ USB 3.2 Gen 1 x 2 (USB Type-C x 1), USB 2.0 x 2
■ 2D Barcode Scanner & Smart Card Reader / HF RFID (NFC) Reader
(Optional)
■ Up to 3 GNSS, GPS + Galileo (Default), GLONASS, BeiDou (Optional)
■ One Hot-swappable Battery + Internal Battery, Up to 44W Battery
Capacity
■ MIL-STD-810G, IP65 Compliant, Drop 122cm
■ Programmable Function Key: F0, F1, F2, F3, Volume Up/Down, With
LED Illumination
■ Windows® 10 IOT




Similar Part No. - RTC-1010-R2004

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
RTC-1010-M2002 AAEON-RTC-1010-M2002 Datasheet
477Kb / 2P
10.1" Semi-rugged Tablet Features Intel® N3350 / N4200 Processor With Windows® 10
2023/03/27
RTC-1010-M2003 AAEON-RTC-1010-M2003 Datasheet
477Kb / 2P
10.1" Semi-rugged Tablet Features Intel® N3350 / N4200 Processor With Windows® 10
2023/03/27
RTC-1010-VMP-000 AAEON-RTC-1010-VMP-000 Datasheet
201Kb / 1P
VESA Mount Plate for RTC-1010M
More results


Similar Description - RTC-1010-R2004

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-APL7 AAEON-GENE-APL7 Datasheet
527Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/27
logo
BCM Advanced Research.
CAXA0 BCM-CAXA0 Datasheet
606Kb / 2P
10.1” Semi-Rugged Tablet with Intel® Celeron® N3350 Processor
2021/08/20
logo
AAEON Technology
ACP-1106 AAEON-ACP-1106 Datasheet
630Kb / 2P
10.1” WXGA Multi-Touch Panel PC With Intel® Pentium® N4200/ Celeron® N3350 Processor, 4 GB RAM
2022/11/04
BOXER-6616 AAEON-BOXER-6616 Datasheet
579Kb / 2P
Fanless Embedded Box PC with Intel® Celeron® Processor N3350/N4200
2023/05/24
logo
BCM Advanced Research.
EPC-APL BCM-EPC-APL Datasheet
394Kb / 1P
Intel® Pentium® N4200/ Celeron® N3350 Processor Fanless Tiny System
07/25/2018
logo
AAEON Technology
RTC-1010M AAEON-RTC-1010M Datasheet
477Kb / 2P
10.1" Semi-rugged Tablet Features Intel® N3350 / N4200 Processor With Windows® 10
2023/03/27
RTC-1200 AAEON-RTC-1200 Datasheet
900Kb / 2P
11.6" Rugged Tablet Features Intel Kaby Lake Up To 3.9 GHz Dual Core Processor with Windows® 10
2022/12/07
RTC-710AP AAEON-RTC-710AP Datasheet
521Kb / 2P
7" Rugged Tablet Features Intel® N3350 / N4200 Processor with Windows® 10
2023/01/03
logo
Advantech Co., Ltd.
AIM-68 ADVANTECH-AIM-68 Datasheet
1Mb / 7P
10.1" Industrial Tablet with Intel® Atom™ Processor
15-May-2018
AIM-68 ADVANTECH-AIM-68_V01 Datasheet
1Mb / 7P
10.1" Industrial Tablet with Intel® Atom™ Processor
16-May-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com