Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTC-710AP Datasheet (PDF) - AAEON Technology

RTC-710AP Datasheet PDF - AAEON Technology
Part # RTC-710AP
Download  RTC-710AP Download
File Size   521.37 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description 7" Rugged Tablet Features Intel® N3350 / N4200 Processor with Windows® 10

RTC-710AP Datasheet (PDF)

Go To PDF Page Download Datasheet
RTC-710AP Datasheet PDF - AAEON Technology

Part # RTC-710AP
Download  RTC-710AP Click to download

File Size   521.37 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description 7" Rugged Tablet Features Intel® N3350 / N4200 Processor with Windows® 10

RTC-710AP Datasheet (HTML) - AAEON Technology


RTC-710AP Product details

Features
■ 7" WXGA (1280 x 800) 700-nit / 300-nit TFT LCD
■ Intel® Celeron® N3350 1.1GHz Dual Core Up to 2.4GHz (N4200
Optional)
■ Onboard LPDDR4 Memory, 4GB (Default) / 8GB
■ eMMC 64GB (Default) / 128GB
■ Projected Capacitive Multi-Touch Screen
■ WiFi 802.11b/g/n, Bluetooth 5.1, LTE (Optional)
■ 2MP Front and 8MP Rear Camera
■ RS-232 COM Port + 10/100/1000 Base-T RJ45 via I/O Module
(Optional)
■ USB 3.2 Gen 1 Type-C x 1, USB 2.0 Type-A x 1
■ 2D Barcode Scanner via I/O Module (Optional)
■ NFC (HF RFID) Reader (Optional)
■ Up to 3 GNSS, GPS + Galileo (Default), GLONASS, BeiDou (Optional)
■ One Hot-swappable Battery + Internal Battery, Up to 44W Battery
Capacity
■ MIL-STD-810G, IP65 Compliant, Drop 122cm
■ Programmable Function Key: F1, F2, F3, Volume Up/Down, With LED
Illumination
■ Windows® 10 IOT




Similar Part No. - RTC-710AP

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
RTC-710RK AAEON-RTC-710RK Datasheet
596Kb / 2P
7" Rugged Tablet ARM-based Android™ with 1.6 GHz Quad Core Processor
2022/12/07
RTC-710RKRH0001 AAEON-RTC-710RKRH0001 Datasheet
596Kb / 2P
7" Rugged Tablet ARM-based Android™ with 1.6 GHz Quad Core Processor
2022/12/07
RTC-710RKRH0002 AAEON-RTC-710RKRH0002 Datasheet
596Kb / 2P
7" Rugged Tablet ARM-based Android™ with 1.6 GHz Quad Core Processor
2022/12/07
RTC-710RKRH0003 AAEON-RTC-710RKRH0003 Datasheet
596Kb / 2P
7" Rugged Tablet ARM-based Android™ with 1.6 GHz Quad Core Processor
2022/12/07
RTC-710RKRH0004 AAEON-RTC-710RKRH0004 Datasheet
596Kb / 2P
7" Rugged Tablet ARM-based Android™ with 1.6 GHz Quad Core Processor
2022/12/07
More results


Similar Description - RTC-710AP

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-APL6 AAEON-GENE-APL6 Datasheet
606Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/30
GENE-APL7 AAEON-GENE-APL7 Datasheet
527Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/27
PICO-APL4-SEMI AAEON-PICO-APL4-SEMI Datasheet
483Kb / 2P
PICO-SEMI TurnKit with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/10/04
logo
BCM Advanced Research.
CAXA0 BCM-CAXA0 Datasheet
606Kb / 2P
10.1” Semi-Rugged Tablet with Intel® Celeron® N3350 Processor
2021/08/20
logo
AAEON Technology
BOXER-6616 AAEON-BOXER-6616 Datasheet
579Kb / 2P
Fanless Embedded Box PC with Intel® Celeron® Processor N3350/N4200
2023/05/24
logo
BCM Advanced Research.
EPC-APL BCM-EPC-APL Datasheet
394Kb / 1P
Intel® Pentium® N4200/ Celeron® N3350 Processor Fanless Tiny System
07/25/2018
logo
AAEON Technology
RTC-1010 AAEON-RTC-1010 Datasheet
639Kb / 2P
10.1" Rugged Tablet Features Intel N3350 / N4200 Processor With Windows® 10
2022/12/07
RTC-1010M AAEON-RTC-1010M Datasheet
477Kb / 2P
10.1" Semi-rugged Tablet Features Intel® N3350 / N4200 Processor With Windows® 10
2023/03/27
RTC-1200 AAEON-RTC-1200 Datasheet
900Kb / 2P
11.6" Rugged Tablet Features Intel Kaby Lake Up To 3.9 GHz Dual Core Processor with Windows® 10
2022/12/07
UP4000 AAEON-UP4000 Datasheet
669Kb / 2P
UP Developer Board with Intel® Celeron® N3350/ Intel® Pentium® N4200/ Intel Atom® x7-E3950 Processor SoC
2022/10/25
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com