Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTC-710AP Datasheet(PDF) 2 Page - AAEON Technology

Part # RTC-710AP
Description  7" Rugged Tablet Features Intel® N3350 / N4200 Processor with Windows® 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

RTC-710AP Datasheet(HTML) 2 Page - AAEON Technology

  RTC-710AP Datasheet HTML 1Page - AAEON Technology RTC-710AP Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01-4
0
1
Note: All specifications are subject to change without notice.
www.aaeon.com
Dimension
Unit: mm
RTC-710AP
Packing List
Optional Accessories
• RTC-710AP
• 1255X00008
AC-To-DC Power Adaptor, 12V, 40W
Ordering Information
• RDS-0710-000
Docking Station
• RDS-0710-001
Docking Station, W/ Stand
• RTC-710-HS-000
Hand Strap
• RTC-710-BAG-000
Carry Bag
• RDS-0040-0000
4-Bay Battery Charger
• 9741600R04
Battery Pack, 7.4V, 1530mAh, 2pcs/Box
• RTC-710-VMP-000
VESA Mount Plate
• 1259X00003
Car Adapter, Cigarette Plug
• 1702031802
Power Cord for USA
• 1702031803
Power Cord for Europe
• 170203180J
Power Cord for UK
• 170203180E
Power Cord for Japan
Part Number
CPU
OS
LCD
Display
Touch
Screen
System
Memory Storage
Expansion I/O
Sensor
WiFi/
Blue-
tooth
Navigation
LTE
Bands
(MHz)
Camera
Docking
Connector
2D
Barcode
Scanner
NFC
Battery
Power
RTC-710AP-RH0001
N4200 Windows
10 IOT
7"
700 nits
PCT
10 points
LPDDR4
4GB
eMMC
64GB
SIM card slot x 1,
USB 3.2 Gen 1 Type-C x 1
Audio jack x 1 (3.5mm)
DC-in jack x 1
Micro-SD card slot x 1
USB 2.0 Type-A x 1
G-sensor
E-compass
Gyro-sensor
Light-sensor
802.11
b/g/n +
BT4.2
—
—
Front: 2MP
—
—
—
32.7W
(internal)
DC12V
RTC-710AP-RH0002
N4200 Windows
10 IOT
7"
700 nits
PCT
10 points
LPDDR4
4GB
eMMC
64GB
SIM card slot x 1
USB 3.2 Gen 1 Type-C x 1
Audio jack x 1 (3.5mm)
DC-in jack x 1
Micro-SD card slot x 1
USB 2.0 Type-A x 1
G-sensor
E-compass
Gyro-sensor
Light-sensor
802.11
b/g/n +
BT4.2
GPS /
Galileo /
GLONASS
—
Front: 2MP
Rear: 8MP w/ Flash Yes
—
Yes
32.7W (internal)
+11.3W(external)
DC12V
RTC-710AP-RH0003
N4200 Windows
10 IOT
7"
700 nits
PCT
10 points
LPDDR4
4GB"
eMMC
64GB
SIM card slot x 1
USB 3.2 Gen 1 Type-C x 1
Audio jack x 1 (3.5mm)
DC-in jack x 1
Micro-SD card slot x 1
USB 2.0 Type-A x 1
RS232 Port x 1 (Via I/O
Module)
10/100/1000 Base-T RJ45 x 1 (Via
I/O Module)
G-sensor
E-compass
Gyro-sensor
Light-sensor
802.11
b/g/n +
BT4.2
GPS /
Galileo /
GLONASS
—
Front: 2MP
Rear: 8MP w/ Flash Yes
—
—
32.7W (internal)
+11.3W(external)
DC12V
RTC-710AP-RH0004
N4200 Windows
10 IOT
7"
700 nits
PCT
10 points
LPDDR4
4GB
eMMC
64GB
SIM card slot x 1
USB 3.2 Gen 1 Type-C x 1
Audio jack x 1 (3.5mm)
DC-in jack x 1
Micro-SD card slot x 1
USB 2.0 Type-A x 1
2D BCR x 1 (Via I/O Module)
G-sensor
E-compass
Gyro-sensor
Light-sensor
802.11
b/g/n +
BT4.2
GPS /
Galileo /
GLONASS
—
Front: 2MP
Rear: 8MP w/ Flash Yes
Yes
Yes
32.7W
(internal)+11.3W
(external)
DC12V
*Power cord must be purchased separately.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com