Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5133 Datasheet (PDF) - Catalyst Semiconductor

CAT5133 Datasheet PDF - Catalyst Semiconductor
Part # CAT5133
Download  CAT5133 Download
File Size   867.83 Kbytes
Page   28 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description Catalyst Semiconductor

CAT5133 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT5133 Datasheet PDF - Catalyst Semiconductor

Part # CAT5133
Download  CAT5133 Click to download

File Size   867.83 Kbytes
Page   28 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description Catalyst Semiconductor

CAT5133 Datasheet (HTML) - Catalyst Semiconductor


CAT5133 Product details

I2C Interfaced 16-bit LED Dimmer, I2C Interfaced 16-bit LED Blinker



Features

■ 256 discrete brightness steps for easy LED dimming and color mixing

■ two programmable blinking rate between 0.625 sec and 1.6 sec for CAT9532; 0.02sec and 6.4 sec for CAT9552

■ eliminates repeated commands to turn on/off LEDs, reducing I2C traffi c

■ drives up to 16 LEDs; any bit that is not used to drive an LED can be used as a GPIO

■ 25mA sink current per bit (max 200mA per device)

■ each port can be individually turned on, off, or programmed to blink

■ during power-up or when a manual reset (hardware reset) is asserted, all outputs are set to off-mode

■ built in noise fi lter for SDA/SCL inputs

■ 0-400KHz clock frequency



Applications

■ LED dimming

■ LCD backlighting

■ celluar phones



 




Similar Part No. - CAT5133

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
CAT5133 CATALYST-CAT5133 Datasheet
283Kb / 10P
16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
logo
ON Semiconductor
CAT5133 ONSEMI-CAT5133 Datasheet
169Kb / 9P
16 Volt Digital Potentiometer (POT) with 128 Taps and an Increment Decrement Interface
July, 2013 ??Rev. 5
logo
Catalyst Semiconductor
CAT5133ZI-00-GT3 CATALYST-CAT5133ZI-00-GT3 Datasheet
285Kb / 10P
16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
CAT5133ZI-00-GT3 CATALYST-CAT5133ZI-00-GT3 Datasheet
283Kb / 10P
16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
More results


Similar Description - CAT5133

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
SEMICONDUCTOR
logo
Cisco Systems, Inc.
9124AX CISCO-9124AX Datasheet
2Mb / 23P
Cisco Catalyst 9124AX Series Access Points
2023
9130AX CISCO-9130AX Datasheet
1Mb / 17P
Cisco Catalyst 9130AX Series Access Points
2023
9200 CISCO-9200 Datasheet
1Mb / 54P
Cisco Catalyst 9200 Series Switches
2023
9300 CISCO-9300 Datasheet
3Mb / 74P
Cisco Catalyst 9300 Series Switches
2023
9400 CISCO-9400 Datasheet
583Kb / 22P
Cisco Catalyst 9400 Series Switch
2023
9500 CISCO-9500 Datasheet
1Mb / 52P
Cisco Catalyst 9500 Series Switches
2023
9800-80 CISCO-9800-80 Datasheet
947Kb / 23P
Cisco Catalyst 9800-80 Wireless Controller
2022
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com