Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5133 Datasheet (PDF) - Catalyst Semiconductor

CAT5133 Datasheet PDF - Catalyst Semiconductor
Part # CAT5133
Download  CAT5133 Download
File Size   285.67 Kbytes
Page   10 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface

CAT5133 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT5133 Datasheet PDF - Catalyst Semiconductor

Part # CAT5133
Download  CAT5133 Click to download

File Size   285.67 Kbytes
Page   10 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface

CAT5133 Datasheet (HTML) - Catalyst Semiconductor


CAT5133 Product details

DESCRIPTION
The CAT5133 is a high voltage Digital Programmable Potentiometer (DPP) integrated with E2PROM memory and control logic to operate in a similar manner to a mechanical potentiometer. The DPP consists of a series of resistive elements connected between two externally accessible end points. The tap points between each resistive element are connected to the wiper outputs with CMOS switches.

FEATURES
■ Single linear DPP with 128 taps
■ End-to-end resistance of 10kΩ, 50kΩ or 100kΩ
■ 2-wire interface
■ Fast Up/Down wiper control mode
■ Non-volatile wiper setting storage
■ Automatic wiper setting recall at power-up
■ Digital Supply range (VCC): 2.7V to 5.5V
■ Analog Supply range (V+): +8V to +16V
■ Low Standby Current: 15μA
■ 100 Year wiper setting memory
■ Industrial Temperature range: -40ºC to +85ºC
■ RoHS-compliant 10-pin MSOP package

APPLICATION
■ LCD screen Adjustment
■ Volume Control
■ Mechanical potentiometer replacement
■ Gain adjustment
■ Line impedance matching
■ VCOM settings adjustment




Similar Part No. - CAT5133

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133 Datasheet
283Kb / 10P
16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
logo
ON Semiconductor
CAT5133 ONSEMI-CAT5133 Datasheet
169Kb / 9P
16 Volt Digital Potentiometer (POT) with 128 Taps and an Increment Decrement Interface
July, 2013 ??Rev. 5
logo
Catalyst Semiconductor
CAT5133ZI-00-GT3 CATALYST-CAT5133ZI-00-GT3 Datasheet
283Kb / 10P
16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
logo
ON Semiconductor
CAT5133ZI-00-GT3 ONSEMI-CAT5133ZI-00-GT3 Datasheet
209Kb / 10P
16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
More results


Similar Description - CAT5133

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132 Datasheet
245Kb / 13P
15 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and 2-wire Interface
CAT5132 CATALYST-CAT5132_08 Datasheet
205Kb / 14P
16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
CAT5221 CATALYST-CAT5221_08 Datasheet
304Kb / 16P
Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5132ZI-10-GT3 ONSEMI-CAT5132ZI-10-GT3 Datasheet
131Kb / 14P
16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface
Doc. No. MD-2124, Rev. F
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
CAT5132 ONSEMI-CAT5132 Datasheet
163Kb / 14P
16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface
July, 2010 ??Rev. 5
CAT5133 ONSEMI-CAT5133 Datasheet
169Kb / 9P
16 Volt Digital Potentiometer (POT) with 128 Taps and an Increment Decrement Interface
July, 2013 ??Rev. 5
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com