Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8202 Datasheet (PDF) - Analog Devices

AD8202 Datasheet PDF - Analog Devices
Part # AD8202
Download  AD8202 Download
File Size   269.42 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Common-Mode Voltage, Single-Supply Difference Amplifier

AD8202 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8202 Datasheet PDF - Analog Devices

Part # AD8202
Download  AD8202 Click to download

File Size   269.42 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Common-Mode Voltage, Single-Supply Difference Amplifier

AD8202 Datasheet (HTML) - Analog Devices


AD8202 Product details

GENERAL DESCRIPTION
The AD8202 is a single-supply difference amplifier for amplifying and low-pass filtering small differential voltages in the presence of a large common-mode voltage (CMV). The input CMV range extends from −8 V to +28 V at a typical supply voltage of 5 V.
   
FEATURES
    High common-mode voltage range
        −8 V to +28 V at a 5 V supply voltage
    Operating temperature range: −40°C to +125°C
    Supply voltage range: 3.5 V to 12 V
    Low-pass filter (1-pole or 2-pole)
    Excellent ac and dc performance
        ±1 mV voltage offset
        ±1 ppm/°C typical gain drift
        80 dB CMRR min dc to 10 kHz
   
APPLICATIONS
    Transmission control
    Diesel injection control
    Engine management
    Adaptive suspension control
    Vehicle dynamics control
   




Similar Part No. - AD8202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8202 AD-AD8202 Datasheet
337Kb / 20P
High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202 AD-AD8202 Datasheet
152Kb / 4P
Precision, Dual-Channel Difference Amplifier
AD8202 AD-AD8202 Datasheet
144Kb / 4P
Dual-Channel Audio Difference Amplifier
logo
Aavid, Thermal Division...
AD8202 AAVID-AD8202 Datasheet
375Kb / 16P
Very Low Distortion, Precision Difference Amplifier
Rev. C
AD8202 AAVID-AD8202 Datasheet
398Kb / 16P
G = 0.2, Level Translation, 16-Bit ADC Driver
Rev. A
More results


Similar Description - AD8202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
High Common-Mode Voltage Difference Amplifier
REV.A
AD8200 AD-AD8200 Datasheet
186Kb / 8P
High Common-Mode Voltage, Single Supply Difference Amplifier
REV.0
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8203 AD-AD8203 Datasheet
313Kb / 20P
High Common-Mode Voltage, Single-Supply Difference Amplifier
10/05-Rev. A to Rev. B
AD8200 AD-AD8200_03 Datasheet
287Kb / 12P
High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8202 AD-AD8202_05 Datasheet
337Kb / 20P
High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8200 AD-AD8200_15 Datasheet
947Kb / 12P
High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8202 AD-AD8202_15 Datasheet
301Kb / 20P
High Common-Mode Voltage, Single-Supply Difference Amplifier
Rev. H
AD8203 AD-AD8203_15 Datasheet
293Kb / 20P
High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com