Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8200 Datasheet (PDF) - Analog Devices

AD8200 Datasheet PDF - Analog Devices
Part # AD8200
Download  AD8200 Download
File Size   186.35 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Common-Mode Voltage, Single Supply Difference Amplifier

AD8200 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8200 Datasheet PDF - Analog Devices

Part # AD8200
Download  AD8200 Click to download

File Size   186.35 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Common-Mode Voltage, Single Supply Difference Amplifier

AD8200 Datasheet (HTML) - Analog Devices


AD8200 Product details

GENERAL DESCRIPTION
The AD8200 is a single-supply difference amplifier for amplifying and low-pass filtering small differential voltages in the presence of a large common-mode voltage. The input CMV range extends from –2 V to +24 V at a typical supply voltage of 5 V.
The AD8200 is offered in die and packaged form. Both package options are specified over wide temperature ranges, making the AD8200 well suited for use in many automotive platforms. The SOIC package is specified over a temperature range of –40°C to +125°C. The die is specified from –40°C to +150°C.

FEATURES
  High Common-Mode Voltage Range –2 V to +24 V at a 5 V Supply Voltage
  Operating Temperature Range
     Die: –40°C to +150°C
  Supply Voltage Range: 4.7 V to 12 V
  Low-Pass Filter (One Pole or Two Pole)

EXCELLENT AC AND DC PERFORMANCE
  ±1 mV Voltage Offset
  ±10 ppm/°C Typ Gain Drift
  80 dB CMRR Min DC to 10 kHz
 
PLATFORMS
  Transmission Control
  Diesel Injection Control
  Engine Management
  Adaptive Suspension Control
  Vehicle Dynamics Control




Similar Part No. - AD8200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8200 AD-AD8200 Datasheet
287Kb / 12P
High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8200YCHIPS AD-AD8200YCHIPS Datasheet
287Kb / 12P
High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8200YCSURF AD-AD8200YCSURF Datasheet
287Kb / 12P
High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8200YR AD-AD8200YR Datasheet
287Kb / 12P
High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8200YR-REEL AD-AD8200YR-REEL Datasheet
287Kb / 12P
High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
More results


Similar Description - AD8200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
High Common-Mode Voltage Difference Amplifier
REV.A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8202 AD-AD8202 Datasheet
269Kb / 12P
High Common-Mode Voltage, Single-Supply Difference Amplifier
7/04-Revision 0
AD8203 AD-AD8203 Datasheet
313Kb / 20P
High Common-Mode Voltage, Single-Supply Difference Amplifier
10/05-Rev. A to Rev. B
AD8200 AD-AD8200_03 Datasheet
287Kb / 12P
High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8202 AD-AD8202_05 Datasheet
337Kb / 20P
High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8200 AD-AD8200_15 Datasheet
947Kb / 12P
High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8202 AD-AD8202_15 Datasheet
301Kb / 20P
High Common-Mode Voltage, Single-Supply Difference Amplifier
Rev. H
AD8203 AD-AD8203_15 Datasheet
293Kb / 20P
High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com