Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP200-P35 Datasheet (PDF) - FSP TECHNOLOGY INC.

FSP200-P35 Datasheet PDF - FSP TECHNOLOGY INC.
Part # FSP200-P35
Download  FSP200-P35 Download
File Size   396.94 Kbytes
Page   3 Pages
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.
Description 200W ITE POWER SUPPLIES

FSP200-P35 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSP200-P35 Datasheet PDF - FSP TECHNOLOGY INC.

Part # FSP200-P35
Download  FSP200-P35 Click to download

File Size   396.94 Kbytes
Page   3 Pages
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.
Description 200W ITE POWER SUPPLIES

FSP200-P35 Datasheet (HTML) - FSP TECHNOLOGY INC.


FSP200-P35 Product details

DESCRIPTION
This AC-DC switching power supplies in a package of 3 x 5 inches is a Class-I PSU and no load power consumption less than 0.21W.
This PSU is capable of delivering 200 watts continuous power at 7 CFM forced air cooling or 150 watts continuous power at convection
cooling and 50℃ operation temperature. Product is suitable for audio & video, display, house hold (Europe), information, and networking application

FEATURES
‧ Class-I design
‧ Design to meet IEC 60950-1, IEC 60065-1, IEC 62368-1 & IEC
61558-1 (optional *note1) safety standard
‧ Low profile 3 x 5 x 1.284 inches
‧ No load power consumption less than 0.21W
‧ EN 55032 Class B radiated emission
‧ High altitude 5000 meters operation
‧ OTP, Brown out protection
‧ Fan driver 12V




Similar Part No. - FSP200-P35

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP200-1FUA-12 FSP-FSP200-1FUA-12 Datasheet
136Kb / 1P
LED Lighting
FSP200-1FUB-24 FSP-FSP200-1FUB-24 Datasheet
136Kb / 1P
LED Lighting
FSP200-1FUB-36 FSP-FSP200-1FUB-36 Datasheet
137Kb / 1P
LED Lighting
FSP200-1FUB-48 FSP-FSP200-1FUB-48 Datasheet
137Kb / 1P
LED Lighting
logo
Sparkle Power Inc.
FSP200-40AT SPI-FSP200-40AT Datasheet
67Kb / 1P
200 Watts Flex AT Switching Power Supply
More results


Similar Description - FSP200-P35

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TS200 TRUMPOWER-TS200 Datasheet
128Kb / 2P
200W Compact AC/DC Power Supplies
TMC100-S05 TRUMPOWER-TMC100-S05 Datasheet
107Kb / 2P
100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU110 RSG-PU110_14 Datasheet
177Kb / 2P
72-110 WATT ITE POWER SUPPLIES
logo
Tumbler Technologies + ...
TMC100 TRUMPOWER-TMC100 Datasheet
77Kb / 2P
100 Watts Medical & ITE Switching Power Supplies
TW360 TRUMPOWER-TW360 Datasheet
1Mb / 4P
360W ITE Grade AC/DC Power Supplies
TW500 TRUMPOWER-TW500 Datasheet
414Kb / 4P
500W ITE Grade AC/DC Power Supplies
logo
FSP TECHNOLOGY INC.
FSP150-P24-C FSP-FSP150-P24-C Datasheet
379Kb / 3P
150W ITE POWER SUPPLIES
2022.10
FSP150-P35 FSP-FSP150-P35 Datasheet
442Kb / 3P
150W ITE POWER SUPPLIES
2019.04
FSP250-H24-A FSP-FSP250-H24-A Datasheet
531Kb / 3P
250W ITE Power Supplies
2022.04
FSP350-F35-A FSP-FSP350-F35-A Datasheet
1Mb / 3P
350W ITE POWER SUPPLIES
2022.10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com