Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP200-P35 Datasheet(PDF) 2 Page - FSP TECHNOLOGY INC.

Part # FSP200-P35
Description  200W ITE POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP200-P35 Datasheet(HTML) 2 Page - FSP TECHNOLOGY INC.

  FSP200-P35 Datasheet HTML 1Page - FSP TECHNOLOGY INC. FSP200-P35 Datasheet HTML 2Page - FSP TECHNOLOGY INC. FSP200-P35 Datasheet HTML 3Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.fsp-group.com.tw
© 2022 FSP Group. All Rights Reserved. All trademarks are registered to their respective owners.
2022.10 spec
OUTPUT VOLTAGE/CURRENT RATING CHART
12 V
18 V
24 V
54 V
Voltage
0 A
0 A
0 A
0 A
Min.
Load
12.5 A
8.33 A
6.25 A
2.78 A
Max. Current
convection
16.67 A
11.1 A
8.34 A
3.70 A
Max. Current
7 CFM
±3%
±3%
±3%
±3%
Tolerance
120 mV
180 mV
240 mV
500 mV
Ripple &
Noise
150 W / 200 W
150 W / 200 W
150 W / 200 W
150 W / 200 W
Max.
Power
89 / 90%
90 / 91%
90 / 91%
90 / 91%
Efficiency
115/230 Vac
(typical)
NOTES:
1. Ripple and noise is maximum peak to peak voltage value measured at output within 20 MHz bandwidth, at rated line voltage and output load ranges, and with a
47 μF electrical capacitor in parallel with a 0.1 μF ceramic capacitor across the output.
2. The first value of maximum current is at convection cooling. The second value is with 7 CFM forced air provided by user.
Model
Output
FSP200-P35-A12
FSP200-P35-A18
FSP200-P35-A24
FSP200-P35-A54
TECHNICAL DATASHEET
200W ITE POWER SUPPLIES
FSP200-P35 Series
120
90
INPUT VOLTAGE DERATING CURVE
0
270
240
210
180
150
20
40
60
80
100
Input Voltage (Vac)
OUTPUT POWER DERATING CURVE
0
10
0
-10
-20
70
60
50
40
30
20
20
40
60
80
100
Temperature (℃)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com