Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT5T9820 Datasheet (PDF) - Renesas Technology Corp

IDT5T9820 Datasheet PDF - Renesas Technology Corp
Part # IDT5T9820
Download  IDT5T9820 Download
File Size   458.52 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL CLOCK DRIVER

IDT5T9820 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT5T9820 Datasheet PDF - Renesas Technology Corp

Part # IDT5T9820
Download  IDT5T9820 Click to download

File Size   458.52 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL CLOCK DRIVER

IDT5T9820 Datasheet (HTML) - Renesas Technology Corp


IDT5T9820 Product details

FEATURES:
• 2.5 VDD
• 5 pairs of outputs
• Low skew: 100ps all outputs at same interface level, 250ps all
outputs at different interface levels
• Selectable positive or negative edge synchronization
• Tolerant of spread spectrum input clock
• Synchronous output enable
• Selectable inputs
• Input frequency: 4.17MHz to 250MHz
• Output frequency: 12.5MHz to 250MHz
• Internal non-volatile EEPROM
• JTAG or I2C bus serial interface for programming
• Hot insertable and over-voltage tolerant inputs
• Feedback divide selection with multiply ratios of (1-6, 8, 10, 12)
• Selectable HSTL, eHSTL, 1.8V/2.5V LVTTL, or LVEPECL input
interface
• Selectable HSTL, eHSTL, or 1.8V/2.5V LVTTL output interface for
each output bank
• Selectable differential or single-ended inputs and ten singleended outputs
• PLL bypass for DC testing
• External differential feedback, internal loop filter
• Low Jitter: <75ps cycle-to-cycle, all outputs at same interface
level: <100ps cycle-to-cycle all outputs at different interface levels
• Power-down mode
• Lock indicator
• Available in VFQFPN package




Similar Part No. - IDT5T9820

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT5T9821 RENESAS-IDT5T9821 Datasheet
454Kb / 37P
EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL DIFFERENTIAL CLOCK DRIVER
NOVEMBER 2004
More results


Similar Description - IDT5T9820

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T2110 IDT-IDT5T2110 Datasheet
162Kb / 23P
2.5V ZERO DELAY PLL DIFFERENTIAL CLOCK DRIVER TERACLOCK
IDT5T2010 IDT-IDT5T2010 Datasheet
157Kb / 23P
2.5V ZERO DELAY PLL CLOCK DRIVER TERACLOCK
logo
PhaseLink Corporation
PLL102-108 PLL-PLL102-108 Datasheet
165Kb / 10P
Programmable DDR Zero Delay Clock Driver
PLL102-109 PLL-PLL102-109 Datasheet
166Kb / 10P
Programmable DDR Zero Delay Clock Driver
logo
Integrated Device Techn...
IDT5T2010 IDT-IDT5T2010_2 Datasheet
207Kb / 24P
2.5V ZERO DELAY PLL CLOCK DRIVER TERACLOCK?
IDT5T2110 IDT-IDT5T2110_2 Datasheet
212Kb / 24P
2.5V ZERO DELAY PLL DIFFERENTIAL CLOCK DRIVER TERACLOCK?
IDT5T9891 IDT-IDT5T9891 Datasheet
286Kb / 37P
EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER
logo
Renesas Technology Corp
IDT5T9821 RENESAS-IDT5T9821 Datasheet
454Kb / 37P
EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL DIFFERENTIAL CLOCK DRIVER
NOVEMBER 2004
IDT5T9890 RENESAS-IDT5T9890 Datasheet
496Kb / 38P
EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL CLOCK DRIVER
March 2009
IDT5T9891 RENESAS-IDT5T9891 Datasheet
459Kb / 38P
EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER
NOVEMBER 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com