Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT5T9891 Datasheet (PDF) - Renesas Technology Corp

IDT5T9891 Datasheet PDF - Renesas Technology Corp
Part # IDT5T9891
Download  IDT5T9891 Download
File Size   459.08 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER

IDT5T9891 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT5T9891 Datasheet PDF - Renesas Technology Corp

Part # IDT5T9891
Download  IDT5T9891 Click to download

File Size   459.08 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER

IDT5T9891 Datasheet (HTML) - Renesas Technology Corp


IDT5T9891 Product details

FEATURES:
• 2.5 VDD
• 6 pairs of programmable skew outputs
• Low skew: 100ps all outputs at same interface level, 250ps all
outputs at different interface levels
• Selectable positive or negative edge synchronization
• Tolerant of spread spectrum input clock
• Synchronous output enable
• Selectable inputs
• Input frequency: 4.17MHz to 250MHz
• Output frequency: 12.5MHz to 250MHz
• Internal non-volatile EEPROM
• JTAG or I2C bus serial interface for programming
• Hot insertable and over-voltage tolerant inputs
• Feedback divide selection with multiply ratios of (1-6, 8, 10, 12)
• Selectable HSTL, eHSTL, 1.8V/2.5V LVTTL, or LVEPECL input
interface
• Selectable HSTL, eHSTL, or 1.8V/2.5V LVTTL output interface for
each output bank
• Selectable differential or single-ended inputs and six differential outputs
• PLL bypass for DC testing
• External differential feedback, internal loop filter
• Low Jitter: <75ps cycle-to-cycle, all outputs at same interface
level: <100ps cycle-to-cycle all outputs at different interface levels
• Power-down mode
• Lock indicator
• Available in VFQFPN package




Similar Part No. - IDT5T9891

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T9891 IDT-IDT5T9891 Datasheet
286Kb / 37P
EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER
IDT5T9891NL IDT-IDT5T9891NL Datasheet
286Kb / 37P
EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER
IDT5T9891NLG IDT-IDT5T9891NLG Datasheet
286Kb / 37P
EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER
More results


Similar Description - IDT5T9891

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
logo
Pericom Semiconductor C...
PI6C3Q991 PERICOM-PI6C3Q991 Datasheet
544Kb / 10P
3.3V Programmable Skew PLL Clock Driver
logo
Integrated Device Techn...
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5992A IDT-IDT5992A Datasheet
72Kb / 8P
PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5T9891 IDT-IDT5T9891 Datasheet
286Kb / 37P
EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER
logo
Renesas Technology Corp
IDT5T9820 RENESAS-IDT5T9820 Datasheet
458Kb / 37P
EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL CLOCK DRIVER
NOVEMBER 2004
IDT5T9821 RENESAS-IDT5T9821 Datasheet
454Kb / 37P
EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL DIFFERENTIAL CLOCK DRIVER
NOVEMBER 2004
IDT5T9890 RENESAS-IDT5T9890 Datasheet
496Kb / 38P
EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL CLOCK DRIVER
March 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com