Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5V41067APGG Datasheet (PDF) - Renesas Technology Corp

5V41067APGG Datasheet PDF - Renesas Technology Corp
Part # 5V41067APGG
Download  5V41067APGG Download
File Size   386.48 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:4 PCIE GEN1/2/3 CLOCK MULTIPLEXER

5V41067APGG Datasheet (PDF)

Go To PDF Page Download Datasheet
5V41067APGG Datasheet PDF - Renesas Technology Corp

Part # 5V41067APGG
Download  5V41067APGG Click to download

File Size   386.48 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:4 PCIE GEN1/2/3 CLOCK MULTIPLEXER

5V41067APGG Datasheet (HTML) - Renesas Technology Corp


5V41067APGG Product details

Features/Benefits
• Low additive jitter; suitable for use in PCIe Gen2 and
Gen3 systems
• 20-pin TSSOP package; small board footprint
• Outputs can be terminated to LVDS; can drive a wider
variety of devices
• OE control pin; greater system power management
• Industrial temperature range available; supports
demanding embedded applications
Key Specifications
• Additive cycle-to-cycle jitter <5 ps
• Additive phase jitter (PCIe Gen2/3) <0.2ps
• Operating frequency up to 200MHz




Similar Part No. - 5V41067APGG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V41064NLG IDT-5V41064NLG Datasheet
122Kb / 12P
1 OUTPUT PCIE GEN1/2 SYNTHESIZER Spread-spectrum capable; reduces EMI
logo
Renesas Technology Corp
5V41064NLG RENESAS-5V41064NLG Datasheet
354Kb / 14P
1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
5V41064NLG RENESAS-5V41064NLG Datasheet
321Kb / 14P
1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
logo
Integrated Device Techn...
5V41064NLG8 IDT-5V41064NLG8 Datasheet
122Kb / 12P
1 OUTPUT PCIE GEN1/2 SYNTHESIZER Spread-spectrum capable; reduces EMI
logo
Renesas Technology Corp
5V41064NLG8 RENESAS-5V41064NLG8 Datasheet
354Kb / 14P
1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
More results


Similar Description - 5V41067APGG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DMV0141 IDT-9DMV0141_17 Datasheet
228Kb / 10P
2:1 1.8V PCIe Gen1-2-3 Clock Mux
ICS557-06 IDT-ICS557-06_12 Datasheet
163Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Renesas Technology Corp
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
SEPTEMBER 18, 2019
9DML2855 RENESAS-9DML2855 Datasheet
527Kb / 19P
2:8 PCIe Gen1–5 Clock Multiplexer
March 16, 2020
9DMU0131 RENESAS-9DMU0131 Datasheet
2Mb / 11P
2:1 1.5V PCIe Gen1-2-3 Clock Mux
09/30/14
9DMU0431 RENESAS-9DMU0431 Datasheet
2Mb / 12P
2:4 1.5V PCIe Gen1-2-3 Clock Mux
09/24/14
9DMV0431 RENESAS-9DMV0431 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux
01/26/15
9FGU0431 RENESAS-9FGU0431 Datasheet
391Kb / 16P
4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
IDT5V41068A RENESAS-IDT5V41068A Datasheet
360Kb / 14P
2:1 PCIE GEN1/2/3 CLOCK MULTIPLEXER
040616
IDT6V31023 RENESAS-IDT6V31023 Datasheet
371Kb / 14P
2:1 PCIE GEN1/2/3 CLOCK MULTIPLEXER
REV B 053112
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com