Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5V60014DVGI Datasheet (PDF) - Renesas Technology Corp

5V60014DVGI Datasheet PDF - Renesas Technology Corp
Part # 5V60014DVGI
Download  5V60014DVGI Download
File Size   346.54 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW PHASE NOISE ZERO DELAY BUFFER

5V60014DVGI Datasheet (PDF)

Go To PDF Page Download Datasheet
5V60014DVGI Datasheet PDF - Renesas Technology Corp

Part # 5V60014DVGI
Download  5V60014DVGI Click to download

File Size   346.54 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW PHASE NOISE ZERO DELAY BUFFER

5V60014DVGI Datasheet (HTML) - Renesas Technology Corp


5V60014DVGI Product details

Features
• Packaged in 8-pin MSOP (Pb free)
• Low phase noise zero delay buffer
• Low skew outputs
• Input clock frequency from 10 MHz to 38 MHz at 3.3 V
• Phase noise of better than -100 dBc/Hz from 1 kHz to
1 MHz offset from carrier
• Recover poor input clock duty cycle
• Output clock duty cycle of 45/55 at 3.3 V
• High drive strength
• Full CMOS clock swings with 15 mA drive capability at
TTL levels
• Advanced, low power CMOS process
• 3.3 V operating voltages
• Industrial Temperature Range: -40 to +85°C




Similar Part No. - 5V60014DVGI

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
5V6BC SEMTECH_ELEC-5V6BC Datasheet
306Kb / 3P
Silicon Epitaxial Planar Zener Diodes
5V6BCA SEMTECH_ELEC-5V6BCA Datasheet
306Kb / 3P
Silicon Epitaxial Planar Zener Diodes
5V6BCB SEMTECH_ELEC-5V6BCB Datasheet
306Kb / 3P
Silicon Epitaxial Planar Zener Diodes
5V6BCC SEMTECH_ELEC-5V6BCC Datasheet
306Kb / 3P
Silicon Epitaxial Planar Zener Diodes
5V6BS SEMTECH_ELEC-5V6BS Datasheet
350Kb / 6P
SILICON PLANAR ZENER DIODES
More results


Similar Description - 5V60014DVGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS571 ICST-ICS571 Datasheet
61Kb / 4P
Low Phase Noise Zero Delay Buffer
Revision 072899
ICS670-01 ICST-ICS670-01 Datasheet
84Kb / 5P
Low Phase Noise Zero Delay Buffer and Multiplier
Revision 100900
ICS670-02 ICST-ICS670-02 Datasheet
175Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
Revision 031805
ICS670-03 ICST-ICS670-03 Datasheet
178Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
ICS670-04 ICST-ICS670-04 Datasheet
176Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
logo
List of Unclassifed Man...
670M-01ILFT ETC2-670M-01ILFT Datasheet
203Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Integrated Device Techn...
ICS571MLF IDT-ICS571MLF Datasheet
185Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER
670M-03ILF IDT-670M-03ILF Datasheet
202Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Renesas Technology Corp
ICS670-01 RENESAS-ICS670-01 Datasheet
245Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
012315
ICS670-04 RENESAS-ICS670-04 Datasheet
353Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com