Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG17A Datasheet (PDF) - NXP Semiconductors

BFG17A Datasheet PDF - NXP Semiconductors
Part # BFG17A
Download  BFG17A Download
File Size   60.07 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 3 GHz wideband transistor

BFG17A Datasheet (PDF)

Go To PDF Page Download Datasheet
BFG17A Datasheet PDF - NXP Semiconductors

Part # BFG17A
Download  BFG17A Click to download

File Size   60.07 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 3 GHz wideband transistor

BFG17A Datasheet (HTML) - NXP Semiconductors


BFG17A Product details

DESCRIPTION
NPN wideband transistor in a microminiature plastic SOT143 surface mounting envelope with double emitter bonding.
It is intended for use in wideband aerial amplifiers using SMD technology.




Similar Part No. - BFG17A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG10 PHILIPS-BFG10 Datasheet
74Kb / 10P
NPN 2 GHz RF power transistor
1995 Aug 31
BFG10 NXP-BFG10 Datasheet
257Kb / 11P
NPN 2 GHz RF power transistor
Rev. 05-22 November 2007
BFG10 NXP-BFG10 Datasheet
65Kb / 10P
NPN 2 GHz RF power transistor
1995 Aug 31
BFG10 NXP-BFG10 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFG10-X NXP-BFG10-X Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results


Similar Description - BFG17A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
NPN 2 GHz wideband transistor
September 1995
BF763 PHILIPS-BF763 Datasheet
26Kb / 5P
NPN 2 GHz wideband transistor
September 1995
BFG197 PHILIPS-BFG197 Datasheet
93Kb / 13P
NPN 7 GHz wideband transistor
1995 Sep 13
BFS17A PHILIPS-BFS17A Datasheet
43Kb / 6P
NPN 3 GHz wideband transistor
September1995
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BFG65 PHILIPS-BFG65 Datasheet
476Kb / 9P
NPN 8 GHz wideband transistor
November 1992
BFG424W PHILIPS-BFG424W Datasheet
101Kb / 13P
NPN 25 GHz wideband transistor
Rev. 01-21 March 2006
BFS540 NXP-BFS540_00 Datasheet
118Kb / 12P
NPN 9 GHz wideband transistor
2000 May 30
logo
Quanzhou Jinmei Electro...
BFS17A_2015 JMNIC-BFS17A_2015 Datasheet
43Kb / 6P
NPN 3 GHz wideband transistor
BFS17A JMNIC-BFS17A_15 Datasheet
43Kb / 6P
NPN 3 GHz wideband transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com