Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1542 Datasheet (PDF) - IET Labs Inc.

1542 Datasheet PDF - IET Labs Inc.
Part # 1542
Download  1542 Download
File Size   106.23 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Electronic Stroboscope

1542 Datasheet (PDF)

Go To PDF Page Download Datasheet
1542 Datasheet PDF - IET Labs Inc.

Part # 1542
Download  1542 Click to download

File Size   106.23 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Electronic Stroboscope

1542 Datasheet (HTML) - IET Labs Inc.


1542 Product details

Features
Environment: Temperature: 0 to 50°C operating,
-40° to +75°C storage.
Humidity: 95% RH at +40°C (MIL
E-16400-44.5.4.6).
Vibration: 0.03 in from 10 to 55 Hz.
Bench Handling: 4 in or 45° (MIL-810AVI).
Shock: 50 g, 11 ms (MIL 202C-
205C).
Power: 105 to 125 V, 50 to 60 Hz, 9 W max.
Mechanical: Molded plastic case with plastic face plate
to protect lamp, diff used-fi nish and anodized-aluminum refl ector, standard
0.25 - 20 threaded hole for tipod monting.
Dimensions: 10.7 cm H x 10.7 cm W x 19.8 cm D
(4.2" x 4.2" x 7.8")
Weight: 0.8 kg (1.8 lb.) net, 0.9 kg (2.1 lb.) shipping




Similar Part No. - 1542

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1542 EMCORE-1542 Datasheet
787Kb / 4P
Microwave DFB Laser Microwave DFB Laser
logo
Multicomp Pro
1542 MULTICOMP-1542 Datasheet
390Kb / 1P
TNC Female to N Male
05/02/21 V1.0
logo
Festo Corporation.
154200 FESTO-154200 Datasheet
98Kb / 2P
Proportional directional control valve
4/19/22
logo
PHOENIX CONTACT
1542004 PHOENIX-1542004 Datasheet
545Kb / 16P
SAC-3P-Y-2XFR SCO/.../... - Sensor/actuator cable
1542169 PHOENIX-1542169 Datasheet
519Kb / 16P
SAC-3P-Y-2XFS B SCO/.../... - Sensor/actuator cable
More results


Similar Description - 1542

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1211M SONY-CXA1211M Datasheet
121Kb / 10P
Electronic Volume
CXA1946CR SONY-CXA1946CR Datasheet
419Kb / 23P
Electronic Volume
logo
Silan Microelectronics ...
SC9235 SILAN-SC9235 Datasheet
139Kb / 9P
ELECTRONIC VOLUME
logo
ON Semiconductor
NIS5112 ONSEMI-NIS5112 Datasheet
96Kb / 9P
Electronic Fuse
November, 2006 ??Rev. 4
logo
Baumer IVO GmbH & Co. K...
ISI36 IVO-ISI36 Datasheet
570Kb / 4P
Tachometer electronic
N214 IVO-N214 Datasheet
456Kb / 2P
Totalizers electronic
logo
Extech Instruments Corp...
461825 EXTECH-461825 Datasheet
71Kb / 6P
Combination Photo-Tachometer Stroboscope
461830 EXTECH-461830 Datasheet
158Kb / 8P
Digital Stroboscope Tachometer
logo
List of Unclassifed Man...
CH-8BK ETC2-CH-8BK Datasheet
256Kb / 3P
ELECTRONIC ENCLOSURES
logo
IET Labs Inc.
1546 IET-1546 Datasheet
1Mb / 2P
Electronic Stroboscope
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com