Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCK Datasheet (PDF) - Exxelia Group

TCK Datasheet PDF - Exxelia Group
Part # TCK
Download  TCK Download
File Size   890.46 Kbytes
Page   18 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description High Voltage Molded Leaded Capacitors

TCK Datasheet (PDF)

Go To PDF Page Download Datasheet
TCK Datasheet PDF - Exxelia Group

Part # TCK
Download  TCK Click to download

File Size   890.46 Kbytes
Page   18 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description High Voltage Molded Leaded Capacitors

TCK Datasheet (HTML) - Exxelia Group


TCK Product details

FEATURES
• Multilayer chip ceramic capacitors
• NPO, C4xx and X7R dielectrics
• Capacitance range: 10pf to 39 μF
• Voltage range: 200 VDC to 5,000 VDC




Similar Part No. - TCK

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TCK-017 TRACOPOWER-TCK-017 Datasheet
493Kb / 1P
Common Mode Choke
Rev. November 30, 2022
TCK-019 TRACOPOWER-TCK-019 Datasheet
479Kb / 1P
Common Mode Choke
Rev. November 30, 2022
TCK-026 TRACOPOWER-TCK-026 Datasheet
500Kb / 1P
Common Mode Choke
Rev. November 30, 2022
TCK-044 TRACOPOWER-TCK-044 Datasheet
311Kb / 1P
Inductor
Rev. November 30, 2022
TCK-045 TRACOPOWER-TCK-045 Datasheet
313Kb / 1P
Inductor
Rev. November 30, 2022
More results


Similar Description - TCK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D VISHAY-173D Datasheet
81Kb / 6P
Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
13-Jun-02
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
Molded, Axial Leaded Solid Tantalum Capacitors
logo
AVX Corporation
3009034 AVX-3009034 Datasheet
95Kb / 6P
ESCC Qualified SMPS Capacitors High Voltage Chip/Leaded Capacitors
logo
Voltage Multipliers Inc...
K25F VMI-K25F_13 Datasheet
139Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??200ns ??Axial Leaded
K25S VMI-K25S_13 Datasheet
101Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??3000ns ??Axial Leaded
K25UF VMI-K25UF_13 Datasheet
102Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??100ns ??Axial Leaded
logo
AVX Corporation
3001034B102KM AVX-3001034B102KM Datasheet
98Kb / 6P
High Voltage Chip/Leaded Capacitors
logo
Exxelia Group
TCL EXXELIA-TCL Datasheet
793Kb / 18P
High Voltage Varnished Leaded Capacitors
02/21
TKD EXXELIA-TKD Datasheet
791Kb / 17P
High Voltage Conformal Coated Leaded Capacitors
02/21
TCF EXXELIA-TCF Datasheet
793Kb / 18P
High Voltage Conformal Coated Leaded Capacitors
revised 02/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com