Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD2ETH-AD Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD2ETH-AD Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD2ETH-AD
Download  PESD2ETH-AD Download
File Size   240.64 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Ultra low capacitance double rail-to-rail ESD protection diode

PESD2ETH-AD Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD2ETH-AD Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD2ETH-AD
Download  PESD2ETH-AD Click to download

File Size   240.64 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Ultra low capacitance double rail-to-rail ESD protection diode

PESD2ETH-AD Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD2ETH-AD Product details

1. General description
Ultra low capacitance double rail-to-rail ElectroStatic Discharge (ESD) protection diode in a small
SOT457 Surface-Mounted Device (SMD) plastic package.
The device is designed to protect two high-speed data lines or high frequency signal lines from the
damage caused by ESD and other transients.
The device integrates two ultra low capacitance rail-to-rail diodes and one additional ESD
protection diode to ensure signal line protection even if no supply voltage is available.
2. Features and benefits
• ESD protection of two high-speed data lines
• ultra low capacitance: CD = 2 pF
• ISO 10605 (330 pF, 2 kΩ) up to 23 kV
• ESD protection up to 12 kV (IEC61000-4-2)
• AEC-Q101 qualified
3. Applications
• 100BASE-T1 / OPEN Alliance BroadR-Reach automotive Ethernet
• Low-Voltage Differential Signaling (LVDS) automotive
• USB 2.0 automotive




Similar Part No. - PESD2ETH-AD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD2ETH-AX NEXPERIA-PESD2ETH-AX Datasheet
234Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
More results


Similar Description - PESD2ETH-AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRTR5V0U2X NXP-PRTR5V0U2X Datasheet
74Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
Rev. 02-14 January 2008
logo
Nexperia B.V. All right...
PESD2ETH-X NEXPERIA-PESD2ETH-X Datasheet
688Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection diode
PESD2ETH-AX NEXPERIA-PESD2ETH-AX Datasheet
234Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
PESD2ETHAD-Q NEXPERIA-PESD2ETHAD-Q Datasheet
257Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection diode
23 November 2022
PESD2ETHX-Q NEXPERIA-PESD2ETHX-Q Datasheet
249Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
3 May 2022
PRTR5V0U2AX-Q NEXPERIA-PRTR5V0U2AX-Q Datasheet
234Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
3 May 2022
PESD2ETHAX-Q NEXPERIA-PESD2ETHAX-Q Datasheet
251Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
29 April 2021
PESD2ETHD-Q NEXPERIA-PESD2ETHD-Q Datasheet
257Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection diode
24 May 2023
PRTR5V0U2AX NEXPERIA-PRTR5V0U2AX Datasheet
184Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection diode
Rev. 4 - 18 April 2017
PRTR5V0U2X NEXPERIA-PRTR5V0U2X Datasheet
230Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
1 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com