Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRTR5V0U2X Datasheet (PDF) - Nexperia B.V. All rights reserved

PRTR5V0U2X Datasheet PDF - Nexperia B.V. All rights reserved
Part # PRTR5V0U2X
Download  PRTR5V0U2X Download
File Size   230.94 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Ultra low capacitance double rail-to-rail ESD protection diode

PRTR5V0U2X Datasheet (PDF)

Go To PDF Page Download Datasheet
PRTR5V0U2X Datasheet PDF - Nexperia B.V. All rights reserved

Part # PRTR5V0U2X
Download  PRTR5V0U2X Click to download

File Size   230.94 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Ultra low capacitance double rail-to-rail ESD protection diode

PRTR5V0U2X Datasheet (HTML) - Nexperia B.V. All rights reserved


PRTR5V0U2X Product details

1. General description
Ultra low capacitance rail-to-rail ElectroStatic Discharge (ESD) protection diode in a small
SOT143B Surface-Mounted Device (SMD) plastic package designed to protect two Hi-Speed data
lines or high-frequency signal lines from the damage caused by ESD and other transients.
PRTR5V0U2X incorporates two pairs of ultra low capacitance rail-to-rail diodes as well as an
additional ESD protection diode to ensure signal line protection even if no supply voltage is
available.
2. Features and benefits
• ESD protection of two Hi-Speed data lines or high-frequency signal lines
• Ultra low input/output to ground capacitance: C(I/O-GND) = 1 pF
• ESD protection up to 8 kV
• IEC 61000-4-2, level 4 (ESD)
• Very low clamping voltage due to an integrated additional ESD protection diode
• Very low reverse current
• Small SMD plastic package
3. Applications
• USB 2.0 ports
• Digital Video Interface (DVI) / High Definition Multimedia Interface (HDMI) interfaces
• Mobile and cordless phones
• Personal Digital Assistants (PDA)
• Digital cameras
• Wide Area Network (WAN) / Local Area Network (LAN) systems
• PCs, notebooks, printers and other PC peripherals




Similar Part No. - PRTR5V0U2X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRTR5V0U2X PHILIPS-PRTR5V0U2X Datasheet
60Kb / 10P
Ultra low capacitance double rail-to-rail ESD protection diode in SOT143B
Rev. 01-22 September 2005
PRTR5V0U2X NXP-PRTR5V0U2X Datasheet
74Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
Rev. 02-14 January 2008
logo
TECH PUBLIC Electronics...
PRTR5V0U2X TECHPUBLIC-PRTR5V0U2X Datasheet
2Mb / 4P
Low Capacitance TVS Diode Array
logo
Guangdong Youtai Semico...
PRTR5V0U2X UMW-PRTR5V0U2X Datasheet
340Kb / 3P
40W peak pulse power (tp = 8/20μs)
logo
Nexperia B.V. All right...
PRTR5V0U2X-Q NEXPERIA-PRTR5V0U2X-Q Datasheet
232Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
4 May 2022
More results


Similar Description - PRTR5V0U2X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRTR5V0U2X NXP-PRTR5V0U2X Datasheet
74Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
Rev. 02-14 January 2008
logo
Nexperia B.V. All right...
PESD2ETH-X NEXPERIA-PESD2ETH-X Datasheet
688Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection diode
PESD2ETH-AX NEXPERIA-PESD2ETH-AX Datasheet
234Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
PESD2ETHAD-Q NEXPERIA-PESD2ETHAD-Q Datasheet
257Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection diode
23 November 2022
PESD2ETHX-Q NEXPERIA-PESD2ETHX-Q Datasheet
249Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
3 May 2022
PRTR5V0U2AX-Q NEXPERIA-PRTR5V0U2AX-Q Datasheet
234Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
3 May 2022
PESD2ETHAX-Q NEXPERIA-PESD2ETHAX-Q Datasheet
251Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
29 April 2021
PESD2ETH-AD NEXPERIA-PESD2ETH-AD Datasheet
240Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection diode
14 December 2017
PESD2ETHD-Q NEXPERIA-PESD2ETHD-Q Datasheet
257Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection diode
24 May 2023
PRTR5V0U2AX NEXPERIA-PRTR5V0U2AX Datasheet
184Kb / 12P
Ultra low capacitance double rail-to-rail ESD protection diode
Rev. 4 - 18 April 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com