Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT162244ATPVG Datasheet (PDF) - Renesas Technology Corp

74FCT162244ATPVG Datasheet PDF - Renesas Technology Corp
Part # 74FCT162244ATPVG
Download  74FCT162244ATPVG Download
File Size   242.9 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 16-BIT BUFFER/LINE DRIVER

74FCT162244ATPVG Datasheet (PDF)

Go To PDF Page Download Datasheet
74FCT162244ATPVG Datasheet PDF - Renesas Technology Corp

Part # 74FCT162244ATPVG
Download  74FCT162244ATPVG Click to download

File Size   242.9 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 16-BIT BUFFER/LINE DRIVER

74FCT162244ATPVG Datasheet (HTML) - Renesas Technology Corp


74FCT162244ATPVG Product details

FEATURES:
• 0.5 MICRON CMOS Technology
• High-speed, low-power CMOS replacement for ABT functions
• Typical tSK(o) (Output Skew) < 250ps
• Low input and output leakage ≤ 1μA (max.)
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• Balanced Output Drivers:
– ±24mA (industrial)
– ±16mA (military)
• Reduced system switching noise
• Typical VOLP (Output Ground Bounce) < 0.6V at VCC = 5V,
TA = 25°C
• Available in the following packages:
– Industrial: SSOP, TSSOP
– Military: CERPACK




Similar Part No. - 74FCT162244ATPVG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162244ATPVCG4 TI-74FCT162244ATPVCG4 Datasheet
64Kb / 8P
16-Bit Buffers/Line Drivers
74FCT162244ATPVCG4 TI1-74FCT162244ATPVCG4 Datasheet
704Kb / 15P
16-Bit Buffers/Line Drivers
74FCT162244ATPVCT TI-74FCT162244ATPVCT Datasheet
64Kb / 8P
16-Bit Buffers/Line Drivers
74FCT162244ATPVCT TI1-74FCT162244ATPVCT Datasheet
704Kb / 15P
16-Bit Buffers/Line Drivers
74FCT162244ATPVCT TI2-74FCT162244ATPVCT Datasheet
402Kb / 15P
16-Bit Buffers/Line Drivers
Revised September 2001
More results


Similar Description - 74FCT162244ATPVG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16240T IDT-IDT74FCT16240T Datasheet
128Kb / 8P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16244T IDT-IDT74FCT16244T Datasheet
151Kb / 9P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
Fast CMOS 16-Bit Buffer/Line Drivers
logo
Integrated Device Techn...
IDT74FCT163244CPVG IDT-IDT74FCT163244CPVG Datasheet
84Kb / 6P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com