Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT16501AT Datasheet (PDF) - Renesas Technology Corp

IDT74FCT16501AT Datasheet PDF - Renesas Technology Corp
Part # IDT74FCT16501AT
Download  IDT74FCT16501AT Download
File Size   241.41 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 18-BIT REGISTERED TRANSCEIVER

IDT74FCT16501AT Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT16501AT Datasheet PDF - Renesas Technology Corp

Part # IDT74FCT16501AT
Download  IDT74FCT16501AT Click to download

File Size   241.41 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 18-BIT REGISTERED TRANSCEIVER

IDT74FCT16501AT Datasheet (HTML) - Renesas Technology Corp


IDT74FCT16501AT Product details

FEATURES:
• 0.5 MICRON CMOS Technology
• High-speed, low-power CMOS replacement for ABT functions
• Typical tSK(o) (Output Skew) < 250ps
• Low input and output leakage ≤ 1μA (max.)
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• High drive outputs (–32mA IOH, 64mA IOL)
• Power off disable outputs permit “live insertion”
• Typical VOLP (Output Ground Bounce) < 1.0V at VCC = 5V, TA = 25°C
• Available in TSSOP package




Similar Part No. - IDT74FCT16501AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16501AT IDT-IDT74FCT16501AT Datasheet
140Kb / 9P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT16501AT IDT-IDT74FCT16501AT Datasheet
79Kb / 7P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT16501ATE IDT-IDT74FCT16501ATE Datasheet
140Kb / 9P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT16501ATEB IDT-IDT74FCT16501ATEB Datasheet
140Kb / 9P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT16501ATPA IDT-IDT74FCT16501ATPA Datasheet
140Kb / 9P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
More results


Similar Description - IDT74FCT16501AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163501 IDT-IDT74FCT163501 Datasheet
111Kb / 7P
3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT16500AT IDT-IDT74FCT16500AT Datasheet
122Kb / 8P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT16501AT IDT-IDT74FCT16501AT Datasheet
140Kb / 9P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
Fast CMOS 18-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT16952AT IDT-IDT74FCT16952AT Datasheet
66Kb / 7P
FAST CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT16501AT IDT-IDT74FCT16501AT_06 Datasheet
79Kb / 7P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT16952AT IDT-IDT74FCT16952AT_18 Datasheet
90Kb / 7P
FAST CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT162500AT RENESAS-IDT74FCT162500AT Datasheet
243Kb / 8P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
IDT74FCT16952AT RENESAS-IDT74FCT16952AT Datasheet
219Kb / 8P
FAST CMOS 16-BIT REGISTERED TRANSCEIVER
MAY 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com