Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT166244CT Datasheet (PDF) - Renesas Technology Corp

IDT74FCT166244CT Datasheet PDF - Renesas Technology Corp
Part # IDT74FCT166244CT
Download  IDT74FCT166244CT Download
File Size   238.09 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 16-BIT BUFFER/LINE DRIVER

IDT74FCT166244CT Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT166244CT Datasheet PDF - Renesas Technology Corp

Part # IDT74FCT166244CT
Download  IDT74FCT166244CT Click to download

File Size   238.09 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 16-BIT BUFFER/LINE DRIVER

IDT74FCT166244CT Datasheet (HTML) - Renesas Technology Corp


IDT74FCT166244CT Product details

FEATURES:
• 0.5 MICRON CMOS Technology
• High-speed, low-power CMOS replacement for ABT functions
• Typical tSK(o) (Output Skew) < 250ps
• Low input and output leakage ≤1μA (max.)
• Light drive balanced output of ±8mA
• Minimal system switching noise
• Typical VOLP (Output Ground Bounce) < 0.25V at VCC = 5V, TA = 25°C
• Power off disable outputs permit “live insertion”
• Available in SSOP package




Similar Part No. - IDT74FCT166244CT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT166244CT IDT-IDT74FCT166244CT Datasheet
151Kb / 9P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT166244CTE IDT-IDT74FCT166244CTE Datasheet
151Kb / 9P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT166244CTEB IDT-IDT74FCT166244CTEB Datasheet
151Kb / 9P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT166244CTPA IDT-IDT74FCT166244CTPA Datasheet
151Kb / 9P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT166244CTPAB IDT-IDT74FCT166244CTPAB Datasheet
151Kb / 9P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
More results


Similar Description - IDT74FCT166244CT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16240T IDT-IDT74FCT16240T Datasheet
128Kb / 8P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16244T IDT-IDT74FCT16244T Datasheet
151Kb / 9P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
Fast CMOS 16-Bit Buffer/Line Drivers
logo
Integrated Device Techn...
IDT74FCT163244CPVG IDT-IDT74FCT163244CPVG Datasheet
84Kb / 6P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
logo
Renesas Technology Corp
IDT54 RENESAS-IDT54 Datasheet
242Kb / 8P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com