Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT3245AQG Datasheet (PDF) - Renesas Technology Corp

74FCT3245AQG Datasheet PDF - Renesas Technology Corp
Part # 74FCT3245AQG
Download  74FCT3245AQG Download
File Size   211.07 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER

74FCT3245AQG Datasheet (PDF)

Go To PDF Page Download Datasheet
74FCT3245AQG Datasheet PDF - Renesas Technology Corp

Part # 74FCT3245AQG
Download  74FCT3245AQG Click to download

File Size   211.07 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER

74FCT3245AQG Datasheet (HTML) - Renesas Technology Corp


74FCT3245AQG Product details

FEATURES:
• 0.5 MICRON CMOS Technology
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• VCC = 3.3V ±0.3V, Normal Range
• VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4μW typ. static)
• Rail-to-Rail output swing for increased noise margin
• Available in QSOP and TSSOP packages




Similar Part No. - 74FCT3245AQG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT3244 RENESAS-74FCT3244 Datasheet
166Kb / 7P
3.3V CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
74FCT3244A RENESAS-74FCT3244A Datasheet
166Kb / 7P
3.3V CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
74FCT3244APGG RENESAS-74FCT3244APGG Datasheet
166Kb / 7P
3.3V CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
74FCT3244APGG8 RENESAS-74FCT3244APGG8 Datasheet
166Kb / 7P
3.3V CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
74FCT3244APYG RENESAS-74FCT3244APYG Datasheet
166Kb / 7P
3.3V CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
More results


Similar Description - 74FCT3245AQG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT3245 IDT-IDT74FCT3245 Datasheet
114Kb / 6P
3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT3245 PERICOM-PI74FCT3245 Datasheet
44Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LPT245 PERICOM-PI74LPT245 Datasheet
61Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LCX245 PERICOM-PI74LCX245 Datasheet
86Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
logo
Integrated Device Techn...
IDT74FCT645T IDT-IDT74FCT645T Datasheet
110Kb / 6P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
74FCT245T IDT-74FCT245T Datasheet
58Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
logo
ON Semiconductor
74AC245 ONSEMI-74AC245 Datasheet
406Kb / 14P
Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
logo
Renesas Technology Corp
IDT74FCT163245A RENESAS-IDT74FCT163245A Datasheet
268Kb / 8P
3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
IDT74FCT2245AT RENESAS-IDT74FCT2245AT Datasheet
388Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
APRIL 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com