Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74823ATSOG Datasheet (PDF) - Renesas Technology Corp

74823ATSOG Datasheet PDF - Renesas Technology Corp
Part # 74823ATSOG
Download  74823ATSOG Download
File Size   678.24 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER

74823ATSOG Datasheet (PDF)

Go To PDF Page Download Datasheet
74823ATSOG Datasheet PDF - Renesas Technology Corp

Part # 74823ATSOG
Download  74823ATSOG Click to download

File Size   678.24 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER

74823ATSOG Datasheet (HTML) - Renesas Technology Corp


74823ATSOG Product details

FEATURES:
• A and C grades
• Low input and output leakage ≤1μA (max.)
• CMOS power levels
• True TTL input and output compatibility:
– VOH = 3.3V (typ.)
– VOL = 0.3V (typ.)
• High Drive outputs (-15mA IOH, 48mA IOL)
• Meets or exceeds JEDEC standard 18 specifications
• Power off disable outputs permit "live insertion"
• Available in the SOIC and QSOP packages




Similar Part No. - 74823ATSOG

ManufacturerPart #DatasheetDescription
logo
Wixroyd Group Ltd
74820 WIXROYD-74820 Datasheet
222Kb / 1P
Adjustable Clamping Levers grub screw
74820.W0541 WIXROYD-74820.W0541 Datasheet
222Kb / 1P
Adjustable Clamping Levers grub screw
74820.W0542 WIXROYD-74820.W0542 Datasheet
222Kb / 1P
Adjustable Clamping Levers grub screw
74820.W0543 WIXROYD-74820.W0543 Datasheet
222Kb / 1P
Adjustable Clamping Levers grub screw
74820.W0544 WIXROYD-74820.W0544 Datasheet
222Kb / 1P
Adjustable Clamping Levers grub screw
More results


Similar Description - 74823ATSOG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT841A IDT-IDT74FCT841A Datasheet
140Kb / 7P
HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
IDT74FCT861A IDT-IDT74FCT861A Datasheet
90Kb / 8P
HIGH-PERFORMANCE CMOS BUS TRANSCEIVERS
logo
Advanced Micro Devices
AM29843 AMD-AM29843 Datasheet
597Kb / 15P
HIGH PERFORMANCE BUS INTERFACE LATCHES
logo
Integrated Device Techn...
IDT54FCT823 IDT-IDT54FCT823 Datasheet
89Kb / 7P
HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT821A IDT-IDT54FCT821A Datasheet
77Kb / 7P
HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDTQS74FCT2821AT IDT-IDTQS74FCT2821AT Datasheet
64Kb / 6P
HIGH-SPEED CMOS BUS INTERFACE 10-BIT REGISTER
IDT74FCT823AT IDT-IDT74FCT823AT_06 Datasheet
78Kb / 7P
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
IDTQS74FCT2374T IDT-IDTQS74FCT2374T Datasheet
51Kb / 6P
HIGH-SPEED CMOS BUS INTERFACE 8-BIT REGISTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com