Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74823ATSOG Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 74823ATSOG
Description  HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74823ATSOG Datasheet(HTML) 2 Page - Renesas Technology Corp

  74823ATSOG Datasheet HTML 1Page - Renesas Technology Corp 74823ATSOG Datasheet HTML 2Page - Renesas Technology Corp 74823ATSOG Datasheet HTML 3Page - Renesas Technology Corp 74823ATSOG Datasheet HTML 4Page - Renesas Technology Corp 74823ATSOG Datasheet HTML 5Page - Renesas Technology Corp 74823ATSOG Datasheet HTML 6Page - Renesas Technology Corp 74823ATSOG Datasheet HTML 7Page - Renesas Technology Corp 74823ATSOG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74FCT823AT/CT
HIGH-PERFORMANCECMOSBUSINTERFACEREGISTER
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM(2)
Terminal Voltage with Respect to GND
–0.5 to +7
V
VTERM(3)
Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
° C
IOUT
DC Output Current
–60 to +120
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage may exceed
Vcc by +0.5V unless otherwise noted.
2. Inputs and Vcc terminals only.
3. Output and I/O terminals only.
Symbol
Parameter
(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
FUNCTION TABLE(1)
Internal/
Inputs
Outputs
OE
CLR
EN
Dx
CP
Qx
Yx
Function
HHL
L
↑
L
Z
High Z
HHL
H
↑
HZ
H
L
X
X
X
L
Z
Clear
LL
X
X
X
L
L
H
H
H
X
X
N C
Z
Hold
LH
HX
X
N C
N C
HHL
L
↑
L
Z
Load
HHL
H
↑
HZ
LH
L
L
↑
LL
LH
L
H
↑
HH
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
NC = No Change
↑ = LOW-to-HIGH Transition
Z = High Impedance
2
3
1
20
19
18
15
16
9
10
D6
D7
D2
D5
D3
D4
D8
23
22
24
21
17
5
6
7
4
8
D0
VCC
CP
OE
13
14
11
12
D1
GND
CLR
Y6
Y7
Y2
Y5
Y3
Y4
Y8
Y0
Y1
EN
SOIC/ QSOP
TOP VIEW
Pin Names
I/O
Description
Dx
I
D Flip-Flop Data Inputs
CLR
I
When the clear input is LOW and
OE is LOW, the
Qx outputs are LOW. When the clear input is HIGH,
data can be entered into the register.
C P
I
Clock Pulse for the Register; enters data into the
register on the LOW-to-HIGH transition.
Y x
O
Register 3-State Outputs
EN
I
Clock Enable. When the clock enable is LOW, data
on the Dx output is transferred to the Qx output on the
LOW-to-HIGH transition. When the clock enable is
HIGH, the Qx outputs do not change state, regardless
of the data or clock input transitions.
OE
I
Output Control. When the
OE is HIGH, the Yx
outputs are in the high-impedance state. When the
OE is LOW, the TRUE register data is present at the
Yx outputs.
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com