Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF20V8C Datasheet (PDF) - ATMEL Corporation

ATF20V8C Datasheet PDF - ATMEL Corporation
Part # ATF20V8C
Download  ATF20V8C Download
File Size   43.72 Kbytes
Page   3 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High- Performance EE PLD

ATF20V8C Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF20V8C Datasheet PDF - ATMEL Corporation

Part # ATF20V8C
Download  ATF20V8C Click to download

File Size   43.72 Kbytes
Page   3 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High- Performance EE PLD

ATF20V8C Datasheet (HTML) - ATMEL Corporation


ATF20V8C Product details

Description
The ATF20V8C is a high performance CMOS (Electrically Erasable) Programmable Logic Devices (PLDs) which utilize Atmels proven electrically erasable Flash memory technology. Speeds down to 5 ns and power dissipation as low as 10 µA are offered. All speed ranges are specified over the full 5V ± 10% range for industrial temperature ranges, and 5V ± 5% for commercial ranges.

Features
• User-Controlled Power Down Pin
• High-Speed Equivalent of ATF20V8B
• Pin-Controlled Zero Standby Power (10 µA Typical) Option
• Industry Standard Architecture
   – Emulates Many 24-Pin PALs®
   – Low-Cost Easy-to-Use Software Tools
• High-Speed Electrically-Erasable Programmable Logic Devices
   – 5 ns Maximum Pin-to-Pin Delay
• CMOS and TTL Compatible Inputs and Outputs
   – Latch Feature Hold Outputs to Previous Logic States
• Advanced Flash Technology
   – Reprogrammable
   – 100% Tested
• High-Reliability CMOS Process
   – 20 Year Data Retention
   – 100 Erase/Write Cycles
   – 2,000V ESD Protection
   – 200 mA Latchup Immunity
• Commercial, and Industrial Temperature Ranges
• Dual-in-Line and Surface Mount Packages in Standard Pinouts
• PCI Compliant




Similar Part No. - ATF20V8C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B Datasheet
758Kb / 17P
High- Performance EE PLD
ATF20V8B ATMEL-ATF20V8B Datasheet
667Kb / 22P
Highperformance EE PLD
ATF20V8B-10JC ATMEL-ATF20V8B-10JC Datasheet
758Kb / 17P
High- Performance EE PLD
ATF20V8B-10JC ATMEL-ATF20V8B-10JC Datasheet
667Kb / 22P
Highperformance EE PLD
ATF20V8B-10JI ATMEL-ATF20V8B-10JI Datasheet
758Kb / 17P
High- Performance EE PLD
More results


Similar Description - ATF20V8C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
High- Performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
High- Performance EE PLD
ATF20V8B ATMEL-ATF20V8B Datasheet
758Kb / 17P
High- Performance EE PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
High- Performance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
Highperformance EE PLD
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_09 Datasheet
457Kb / 23P
High performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
High performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
High-performance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_97 Datasheet
275Kb / 13P
High performance EE PLD
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com