Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAT-5 Datasheet (PDF) - Mini-Circuits

VAT-5 Datasheet PDF - Mini-Circuits
Part # VAT-5
Download  VAT-5 Download
File Size   75.17 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description SMA Fixed Attenuator (50ohm 1W 5dB DC to 6000 MHz)

VAT-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
VAT-5 Datasheet PDF - Mini-Circuits

Part # VAT-5
Download  VAT-5 Click to download

File Size   75.17 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description SMA Fixed Attenuator (50ohm 1W 5dB DC to 6000 MHz)

VAT-5 Datasheet (HTML) - Mini-Circuits




Similar Part No. - VAT-5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VAT-5+ MINI-VAT-5+ Datasheet
718Kb / 1P
FIXED ATTENUATORS
VAT-5A+ MINI-VAT-5A+ Datasheet
316Kb / 1P
Fixed Attenuators
REV. OR
VAT-5W2 MINI-VAT-5W2 Datasheet
175Kb / 1P
SMA Fixed Attenuator
VAT-5W2+ MINI-VAT-5W2+ Datasheet
175Kb / 1P
SMA Fixed Attenuator
VAT-5W2+ MINI-VAT-5W2+ Datasheet
284Kb / 1P
FIXED ATTENUATORS
More results


Similar Description - VAT-5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LAT-2 MINI-LAT-2 Datasheet
79Kb / 1P
Miniature Surface Mount Fixed Attenuator (50ohm 0.5W 2dB DC to 2500MHz)
BTRM-50 MINI-BTRM-50 Datasheet
110Kb / 1P
Termination BNC 50ohm DC to 2000 MHz
logo
CRYSTEK CORPORATION
CATTEN-05R0 CRYSTEKMICROWAVE-CATTEN-05R0 Datasheet
319Kb / 2P
5dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-05R0 CRYSTEKMICROWAVE-CATTEN-05R0_08 Datasheet
329Kb / 2P
5dB Attenuator SMA 50 Ohm DC to 3GHz
logo
Mini-Circuits
FW-3 MINI-FW-3 Datasheet
196Kb / 1P
SMA Fixed Attenuator
FW-6 MINI-FW-6 Datasheet
195Kb / 1P
SMA Fixed Attenuator
FW-7 MINI-FW-7 Datasheet
195Kb / 1P
SMA Fixed Attenuator
VAT-1 MINI-VAT-1 Datasheet
202Kb / 1P
SMA Fixed Attenuator
logo
Qorvo, Inc
QPC6713 QORVO-QPC6713 Datasheet
2Mb / 16P
50 MHz to 6000 MHz Digital Step Attenuator
October 16, 2020
RFSA3413 QORVO-RFSA3413 Datasheet
1Mb / 14P
5 MHz to 6000 MHz Digial Step Attenuator
March 5, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com