Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFQ17 Datasheet (PDF) - NXP Semiconductors

BFQ17 Datasheet PDF - NXP Semiconductors
Part # BFQ17
Download  BFQ17 Download
File Size   35.13 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 1 GHz wideband transistor

BFQ17 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFQ17 Datasheet PDF - NXP Semiconductors

Part # BFQ17
Download  BFQ17 Click to download

File Size   35.13 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 1 GHz wideband transistor

BFQ17 Datasheet (HTML) - NXP Semiconductors


BFQ17 Product details

DESCRIPTION
NPN transistor in a SOT89 plastic envelope intended for application in thick and thin-film circuits. The transistor has extremely good intermodulation properties and a high power gain.




Similar Part No. - BFQ17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ131 PHILIPS-BFQ131 Datasheet
40Kb / 6P
NPN video transistor
1995 Sep 26
BFQ135 PHILIPS-BFQ135 Datasheet
78Kb / 12P
NPN 6.5 GHz wideband transistor
1997 Nov 07
BFQ136 PHILIPS-BFQ136 Datasheet
73Kb / 9P
NPN 4 GHz wideband transistor
September 1995
BFQ149 PHILIPS-BFQ149 Datasheet
37Kb / 6P
PNP 5 GHz wideband transistor
September 1995
BFQ149 NXP-BFQ149 Datasheet
227Kb / 7P
PNP 5 GHz wideband transistor
Rev. 03-28 September 2007
More results


Similar Description - BFQ17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF547 PHILIPS-BF547 Datasheet
96Kb / 11P
NPN 1 GHz wideband transistor
September 1995
BF547W PHILIPS-BF547W Datasheet
83Kb / 12P
NPN 1 GHz wideband transistor
June 1994
BF747 PHILIPS-BF747 Datasheet
96Kb / 11P
NPN 1 GHz wideband transistor
September 1995
BFS17 PHILIPS-BFS17 Datasheet
37Kb / 6P
NPN 1 GHz wideband transistor
September 1995
BFS17W PHILIPS-BFS17W Datasheet
46Kb / 6P
NPN 1 GHz wideband transistor
1995 Sep 04
BFG424W PHILIPS-BFG424W Datasheet
101Kb / 13P
NPN 25 GHz wideband transistor
Rev. 01-21 March 2006
logo
Quanzhou Jinmei Electro...
BFS17_2015 JMNIC-BFS17_2015 Datasheet
39Kb / 6P
NPN 1 GHz wideband transistor
BFS17W_2015 JMNIC-BFS17W_2015 Datasheet
40Kb / 6P
NPN 1 GHz wideband transistor
BFS17 JMNIC-BFS17_15 Datasheet
39Kb / 6P
NPN 1 GHz wideband transistor
BFS17W JMNIC-BFS17W_15 Datasheet
40Kb / 6P
NPN 1 GHz wideband transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com