Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17W Datasheet (PDF) - NXP Semiconductors

BFS17W Datasheet PDF - NXP Semiconductors
Part # BFS17W
Download  BFS17W Download
File Size   46.36 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 1 GHz wideband transistor

BFS17W Datasheet (PDF)

Go To PDF Page Download Datasheet
BFS17W Datasheet PDF - NXP Semiconductors

Part # BFS17W
Download  BFS17W Click to download

File Size   46.36 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 1 GHz wideband transistor

BFS17W Datasheet (HTML) - NXP Semiconductors


BFS17W Product details

DESCRIPTION
Silicon NPN transistor in a plastic SOT323 (S-mini) package. The BFS17W uses the same crystal as the SOT23 version, BFS17.

APPLICATIONS
   Primarily intended as a mixer, oscillator and IF amplifier in UHF and VHF tuners.




Similar Part No. - BFS17W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFS17W VISHAY-BFS17W Datasheet
149Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
logo
Siemens Semiconductor G...
BFS17W SIEMENS-BFS17W Datasheet
34Kb / 5P
NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
logo
Infineon Technologies A...
BFS17W INFINEON-BFS17W Datasheet
45Kb / 5P
NPN Silicon RF Transistor
Jul-13-2001
BFS17W INFINEON-BFS17W Datasheet
70Kb / 7P
NPN Silicon RF Transistor
2007-03-30
logo
NXP Semiconductors
BFS17W NXP-BFS17W Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results


Similar Description - BFS17W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF547 PHILIPS-BF547 Datasheet
96Kb / 11P
NPN 1 GHz wideband transistor
September 1995
BF547W PHILIPS-BF547W Datasheet
83Kb / 12P
NPN 1 GHz wideband transistor
June 1994
BF747 PHILIPS-BF747 Datasheet
96Kb / 11P
NPN 1 GHz wideband transistor
September 1995
BFQ17 PHILIPS-BFQ17 Datasheet
35Kb / 6P
NPN 1 GHz wideband transistor
September 1995
BFS17 PHILIPS-BFS17 Datasheet
37Kb / 6P
NPN 1 GHz wideband transistor
September 1995
BFG424W PHILIPS-BFG424W Datasheet
101Kb / 13P
NPN 25 GHz wideband transistor
Rev. 01-21 March 2006
logo
Quanzhou Jinmei Electro...
BFS17_2015 JMNIC-BFS17_2015 Datasheet
39Kb / 6P
NPN 1 GHz wideband transistor
BFS17W_2015 JMNIC-BFS17W_2015 Datasheet
40Kb / 6P
NPN 1 GHz wideband transistor
BFS17 JMNIC-BFS17_15 Datasheet
39Kb / 6P
NPN 1 GHz wideband transistor
BFS17W JMNIC-BFS17W_15 Datasheet
40Kb / 6P
NPN 1 GHz wideband transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com