Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17W Datasheet (PDF) - NXP Semiconductors

BFS17W Datasheet PDF - NXP Semiconductors
Part # BFS17W
Download  BFS17W Download
File Size   9375.07 Kbytes
Page   130 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description RF Manual 16th edition

BFS17W Datasheet (PDF)

Go To PDF Page Download Datasheet
BFS17W Datasheet PDF - NXP Semiconductors

Part # BFS17W
Download  BFS17W Click to download

File Size   9375.07 Kbytes
Page   130 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description RF Manual 16th edition

BFS17W Datasheet (HTML) - NXP Semiconductors


BFS17W Product details

General description
10W plastic LDMOS power transistor for base station applications at frequencies from 700 MHz to 2700 MHz.

Features and benefits
■ High efficiency
■ Excellent ruggedness
■ Designed for broadband operation
■ Excellent thermal stability
■ High power gain
■ Integrated ESD protection
■ Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances (RoHS)

Applications
■ CDMA
■ W-CDMA
■ GSM EDGE
■ MC-GSM
■ LTE
■ WiMAX




Similar Part No. - BFS17W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFS17W PHILIPS-BFS17W Datasheet
46Kb / 6P
NPN 1 GHz wideband transistor
1995 Sep 04
logo
Vishay Siliconix
BFS17W VISHAY-BFS17W Datasheet
149Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
logo
Siemens Semiconductor G...
BFS17W SIEMENS-BFS17W Datasheet
34Kb / 5P
NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
logo
Infineon Technologies A...
BFS17W INFINEON-BFS17W Datasheet
45Kb / 5P
NPN Silicon RF Transistor
Jul-13-2001
BFS17W INFINEON-BFS17W Datasheet
70Kb / 7P
NPN Silicon RF Transistor
2007-03-30
More results


Similar Description - BFS17W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP70AM PHILIPS-BAP70AM Datasheet
1Mb / 8P
RF Manual 7th edition
Rev. 2-7 September 2010
logo
Motorola, Inc
M68000 MOTOROLA-M68000_1 Datasheet
7Mb / 224P
Microprocessor User Manual Ninth Edition
logo
Delta Electronics, Inc.
FHS-A9020S01 DELTA-FHS-A9020S01 Datasheet
729Kb / 2P
Extreme edition sequence
logo
Motorola, Inc
MC68EC000EI8 MOTOROLA-MC68EC000EI8 Datasheet
7Mb / 224P
MICROPROCESSOR USERS MANUAL NINTH EDITION
logo
API Technologies Corp
3056 APITECH-3056 Datasheet
477Kb / 1P
RF Manual Step Attenuator
logo
Yantel Corporation
1333 YANTEL-1333 Datasheet
134Kb / 2P
SMD RF Manual Tunable Inductor
2611 YANTEL-2611 Datasheet
142Kb / 2P
SMD RF Manual Tunable Inductor
2616 YANTEL-2616 Datasheet
135Kb / 2P
SMD RF Manual Tunable Inductor
2713 YANTEL-2713 Datasheet
182Kb / 2P
SMD RF Manual Tunable Inductor
logo
List of Unclassifed Man...
JEDI ETC1-JEDI Datasheet
345Kb / 2P
Seeed Studio Edition
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com